Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPSC10H065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC10H065
Description  650 V power Schottky silicon carbide diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC10H065 Datasheet HTML 1Page - STMicroelectronics STPSC10H065 Datasheet HTML 2Page - STMicroelectronics STPSC10H065 Datasheet HTML 3Page - STMicroelectronics STPSC10H065 Datasheet HTML 4Page - STMicroelectronics STPSC10H065 Datasheet HTML 5Page - STMicroelectronics STPSC10H065 Datasheet HTML 6Page - STMicroelectronics STPSC10H065 Datasheet HTML 7Page - STMicroelectronics STPSC10H065 Datasheet HTML 8Page - STMicroelectronics STPSC10H065 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
October 2012
Doc ID 023604 Rev 2
1/9
9
STPSC10H065
650 V power Schottky silicon carbide diode
Datasheet
production data
Features
No or negligible reverse recovery
Switching behavior independent of
temperature
Dedicated to PFC applications
High forward surge capability
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide bandgap material
allows the design of a Schottky diode structure
with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
Especially suited for use in PFC applications, this
ST SiC diode will boost the performance in hard
switching conditions. Its high forward surge
capability ensures a good robustness during
transient phases.
Table 1.
Device summary
Symbol
Value
IF(AV)
10 A
VRRM
650 V
Tj (max)
175 °C
K
K
A
K
A
NC
K
A
NC
K
A
TO-220AC
STPSC10H065D
D2PAK
STPSC10H065G-TR
DPAK
STPSC10H065B-TR
www.st.com


Similar Part No. - STPSC10H065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065-Y STMICROELECTRONICS-STPSC10H065-Y Datasheet
560Kb / 11P
   Automotive 650 V power Schottky silicon carbide diode
February 2017 Rev 4
STPSC10H065BY-TR STMICROELECTRONICS-STPSC10H065BY-TR Datasheet
236Kb / 9P
   Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
   650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC10H065DY STMICROELECTRONICS-STPSC10H065DY Datasheet
560Kb / 11P
   Automotive 650 V power Schottky silicon carbide diode
February 2017 Rev 4
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
   650 V, 10 A high surge silicon carbide power Schottky diode
March 2021 Rev 1
More results

Similar Description - STPSC10H065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021 Rev 2
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
   650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 3
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com