Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS20SM100SG-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20SM100SG-TR
Description  Power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM100SG-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20SM100SG-TR Datasheet HTML 1Page - STMicroelectronics STPS20SM100SG-TR Datasheet HTML 2Page - STMicroelectronics STPS20SM100SG-TR Datasheet HTML 3Page - STMicroelectronics STPS20SM100SG-TR Datasheet HTML 4Page - STMicroelectronics STPS20SM100SG-TR Datasheet HTML 5Page - STMicroelectronics STPS20SM100SG-TR Datasheet HTML 6Page - STMicroelectronics STPS20SM100SG-TR Datasheet HTML 7Page - STMicroelectronics STPS20SM100SG-TR Datasheet HTML 8Page - STMicroelectronics STPS20SM100SG-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS20SM100S
2/11
Doc ID 15524 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.6 x IF(AV) + 0.005 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values with terminals 1 and 3 short circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB, D2PAK, I2PAK Tc = 125 °C
20
A
TO-220FPAB Tc = 85 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal,
terminals 1 and 3 short circuited
350
A
PARM
(1)
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
15000
W
VARM
(2)
Maximum repetitive peak avalanche
voltage
tp < 1 µs Tj < 150 °C
IAR < 37.5 A
120
V
VASM
(2)
Maximum single pulse peak
avalanche voltage
tp < 1 µs Tj < 150 °C
IAR < 37.5 A
120
V
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature (3)
150
°C
1.
For temperature or pulse time duration deratings, refer to Figure 4. and Figure 5.. More details regarding the avalanche
energy measurements and diode validation in the avalanche are provided in the application notes AN1768 and AN2025.
2.
Refer to Figure 14.
3.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, D2PAK, I2PAK
1.3
°C/W
TO-220FPAB
4
Table 4.
Static electrical characteristics (terminals 1 and 3 short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
10
30
µA
Tj = 125 °C
10
30
mA
Tj = 25 °C
VR = 70 V
5µA
Tj = 125 °C
5
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 5 A
565
mV
Tj = 125 °C
480
Tj = 25 °C
IF = 10 A
685
Tj = 125 °C
560
620
Tj = 25 °C
IF = 20 A
800
900
Tj = 125 °C
630
700
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%


Similar Part No. - STPS20SM100SG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20SM100S STMICROELECTRONICS-STPS20SM100S Datasheet
152Kb / 11P
   Power Schottky rectifier
More results

Similar Description - STPS20SM100SG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com