Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB5NK52ZD-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB5NK52ZD-1
Description  N-channel 520 V,1.22 廓,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5NK52ZD-1 Datasheet(HTML) 1 Page - STMicroelectronics

  STB5NK52ZD-1 Datasheet HTML 1Page - STMicroelectronics STB5NK52ZD-1 Datasheet HTML 2Page - STMicroelectronics STB5NK52ZD-1 Datasheet HTML 3Page - STMicroelectronics STB5NK52ZD-1 Datasheet HTML 4Page - STMicroelectronics STB5NK52ZD-1 Datasheet HTML 5Page - STMicroelectronics STB5NK52ZD-1 Datasheet HTML 6Page - STMicroelectronics STB5NK52ZD-1 Datasheet HTML 7Page - STMicroelectronics STB5NK52ZD-1 Datasheet HTML 8Page - STMicroelectronics STB5NK52ZD-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2008
Rev 5
1/17
17
STD5NK52ZD, STB5NK52ZD-1
STF5NK52ZD,STP5NK52ZD
N-channel 520 V,1.22
Ω,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP
Zener-protected SuperMESH™ Power MOSFET
Features
100% avalanche tested
Extremely high dv/dt capability
Gate charge minimized
Very low intrinsic capacitances
Very good manufacturing repeatability
Improved ESD capability
Application
Switching applications
Description
The SuperFREDMesh™ series associates all
advantages of reduced on-resistance, zener gate
protection and very high dv/dt capability with a
fast body-drain recovery diode. Such series
complements the “FDmesh™” advanced
technology.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STB5NK52ZD-1
520 V
< 1.5
4.4 A
70 W
STD5NK52ZD-1
520 V
< 1.5
4.4 A
70 W
STD5NK52ZD
520 V
< 1.5
4.4 A
70 W
STF5NK52ZD
520 V
< 1.5
4.4 A
25 W
STP5NK52ZD
520 V
< 1.5
4.4 A
70 W
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB5NK52ZD-1
B5NK52ZD
I²PAK
Tube
STD5NK52ZD-1
D5NK52ZD
IPAK
Tube
STD5NK52ZD
D5NK52ZD
DPAK
Tape and reel
STF5NK52ZD
F5NK52ZD
TO-220FP
Tube
STP5NK52ZD
P5NK52ZD
TO-220
Tube
www.st.com


Similar Part No. - STB5NK52ZD-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NK52ZD-1 STMICROELECTRONICS-STB5NK52ZD-1 Datasheet
396Kb / 17P
   N-channel 520V - 1.22廓 - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
More results

Similar Description - STB5NK52ZD-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
   N-channel 520V - 1.22廓 - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
   N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
   N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
DS2834 - Rev 6 - September 2018
STB4NK60Z STMICROELECTRONICS-STB4NK60Z_08 Datasheet
578Kb / 20P
   N-channel 600 V - 1.76 廓 - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
   N-channel 600 V, 1.76 廓, 4 A SuperMESH??Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
STB5NK50Z STMICROELECTRONICS-STB5NK50Z_05 Datasheet
452Kb / 17P
   N-CHANNEL 500V - 1.22廓 - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH?줞OSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com