Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA64250-PLC68M Datasheet(PDF) 11 Page - InnovASIC, Inc

Part # IA64250-PLC68M
Description  Histogram/Hough Transform Processor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA64250-PLC68M Datasheet(HTML) 11 Page - InnovASIC, Inc

Back Button IA64250-PLC68M Datasheet HTML 7Page - InnovASIC, Inc IA64250-PLC68M Datasheet HTML 8Page - InnovASIC, Inc IA64250-PLC68M Datasheet HTML 9Page - InnovASIC, Inc IA64250-PLC68M Datasheet HTML 10Page - InnovASIC, Inc IA64250-PLC68M Datasheet HTML 11Page - InnovASIC, Inc IA64250-PLC68M Datasheet HTML 12Page - InnovASIC, Inc IA64250-PLC68M Datasheet HTML 13Page - InnovASIC, Inc IA64250-PLC68M Datasheet HTML 14Page - InnovASIC, Inc IA64250-PLC68M Datasheet HTML 15Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
IA64250
Data Sheet
Histogram/Hough Transform Processor
August 19, 2008
IA211011114-01
http://www.Innovasic.com
Customer Support:
Page 11 of 24
1-888-824-4184
io(1:0) Control the operations of the ACC and LUT RAMs during I/O mode (when the
STARTIOn signal has been asserted).
io0
io1
FUNCTION
0
0
1
1
0
1
0
1
transfer data from the ACC RAM to the LUT RAM
read the ACC RAM
read the LUT RAM
write the LUT RAM
hclr(1:0) Control the clearing of the ACC RAM during I/O mode
hclr0
hclr1
FUNCTION
0
0
1
1
0
1
0
1
ACC RAM cleared when either the ACC RAM or LUT RAM is
accessed
Undefined
ACC RAM cleared only when the ACC RAM is accessed
ACC RAM not cleared during an i/o operation
func
Determines the function performed by the marker processor. When high, each marker
circuit within the processor will locate an accumulated count from the ACC RAM
corresponding to the previously given grey value. When low, each marker will locate the
grey value corresponding to a previously given accumulation count from the ACC RAM.
pdwn When high, the ACC and LUT RAMs are placed in an inactive mode. Should be low for
normal operation.
Memory Configurations
The following memory maps specify the configuration of the ACC RAM and the LUT RAM in the
various computational modes.
ACC RAM Histogram Mode:
Grey Level
Memory Contents
0
Count for Grey Value 0
1
Count for Grey Value 1
.
.
.
.
.
.
.
.
511
Count for Grey Value 511


Similar Part No. - IA64250-PLC68M

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA64250-PLC68M INNOVASIC-IA64250-PLC68M Datasheet
100Kb / 21P
   Histogram/Hough Transform Processor
More results

Similar Description - IA64250-PLC68M

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA64250 INNOVASIC-IA64250 Datasheet
100Kb / 21P
   Histogram/Hough Transform Processor
logo
NXP Semiconductors
TDA9170 PHILIPS-TDA9170 Datasheet
321Kb / 22P
   YUV picture improvement processor based on histogram modification
October 1994
TDA9171 PHILIPS-TDA9171 Datasheet
113Kb / 20P
   YUV picture improvement processor based on histogram modification and blue stretch
1996 Jun 17
logo
Dallas Semiconductor
DS2435 DALLAS-DS2435 Datasheet
788Kb / 24P
   Battery Identification Chip with Time/Temperature Histogram
logo
Maxim Integrated Produc...
MAX11192EVKIT MAXIM-MAX11192EVKIT Datasheet
7Mb / 26P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 5/17
MAX11156EVSYS MAXIM-MAX11156EVSYS Datasheet
994Kb / 17P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 6/13
logo
SHANGHAI BELLING CO., L...
BL6528 BELLING-BL6528 Datasheet
587Kb / 27P
   Measure the reactive power transform to fast pulse output
logo
List of Unclassifed Man...
L1T2-3070000000000 ETC2-L1T2-3070000000000_14 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
Lumileds Lighting Compa...
L1T2-3070000000000 LUMILEDS-L1T2-3070000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
Maxim Integrated Produc...
MAX11666EVKIT MAXIM-MAX11666EVKIT Datasheet
8Mb / 39P
   Time Domain, Frequency Domain, and Histogram Plotting in the EV Kit Software
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com