Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NDP710A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. NDP710A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDP710A Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (T
C = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Type
Min
Typ
Max
Units
DRAIN-SOURCE AVALANCHE RATINGS (Note 1)
E
AS
Single Pulse Drain-Source
Avalanche Energy
V
DD = 25 V, ID = 42 A
NDP710AE
NDP710BE
NDB710AE
NDB710BE
700
mJ
I
AR
Maximum Drain-Source Avalanche Current
42
A
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown
Voltage
V
GS = 0 V, ID = 250 µA
ALL
100
V
I
DSS
Zero Gate Voltage Drain
Current
V
DS = 100 V,
V
GS = 0 V
ALL
250
µA
T
J = 125°C
1
mA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
ALL
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS = 0 V
ALL
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS,
I
D = 250 µA
ALL
2
2.9
4
V
T
J = 125°C
1.4
2.2
3.6
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V,
I
D = 21 A
NDP710A
NDP710AE
NDB710A
NDB710AE
0.026
0.038
T
J = 125°C
0.044
0.08
V
GS = 10 V,
I
D = 20 A
NDP710B
NDP710BE
NDB710B
NDB710BE
0.042
T
J = 125°C
0.09
I
D(on)
On-State Drain Current
V
GS = 10 V, VDS = 10 V
NDP710A
NDP710AE
NDB710A
NDB710AE
42
A
NDP710B
NDP710BE
NDB710B
NDB710BE
40
A
g
FS
Forward Transconductance
V
DS = 10 V, ID = 21 A
ALL
20
28
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
ALL
2840
3600
pF
C
oss
Output Capacitance
ALL
550
700
pF
C
rss
Reverse Transfer Capacitance
ALL
175
200
pF
NDP710.SAM


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn