Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDP710A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NDP710A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDP710A Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NDP710.SAM
0
10
20
30
40
50
60
0
10
20
30
40
50
I
, DRAIN CURRENT (A)
T = -55°C
J
25°C
D
125°C
V
= 10V
DS
t p
t p
V
= 10V
GS
L
+
-
VDD
VDD
BVDSS
I L
t
is adjusted to reach
the desired peak inductive
current, I .
p
L
1
2
3
5
10
20
50
100 150
0.5
1
2
5
10
50
100
300
V
, DRAIN-SOURCE VOLTAGE (V))
DS
V
= 20V
SINGLE PULSE
T
= 25°C
GS
C
RDS(ON)
Limit
100µs
1ms
10ms
DC
10µs
100ms
Figure 13. Transconductance Variation
with Drain Current and Temperature.
Figure 14. Unclamped Inductive Load
Circuit and Waveforms.
Figure 15. Maximum Safe Operating Area.
Figure 16. Transient Thermal Response Curve.
Typical Electrical Characteristics (continued)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
t
,TIME (ms)
Single Pulse
D = 0.5
0.1
0.05
0.02
0.2
Duty Cycle, D = t
/t
1
2
R
(t) = r(t) * R
R
= 1.0 °C/W
θJC
θJC
θJC
T - T
= P * R
(t)
θJC
C
J
P(pk)
t1
t 2
1
0.01


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn