Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NDP710A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. NDP710A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDP710A Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (T
C = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Type
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS (Note 2)
t
D(ON)
Turn - On Delay Time
V
DD = 50 V, ID = 42 A,
V
GS = 10 V, RGEN = 5 Ω
ALL
15
25
nS
t
r
Turn - On Rise Time
ALL
111
180
nS
t
D(OFF)
Turn - Off Delay Time
ALL
55
90
nS
t
f
Turn - Off Fall Time
ALL
81
130
nS
Q
g
Total Gate Charge
V
DS = 80 V,
I
D = 42 A, VGS = 10V
ALL
92
130
nC
Q
gs
Gate-Source Charge
ALL
15
nC
Q
gd
Gate-Drain Charge
ALL
44
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
I
S
Maximum Continuos Drain-Source Diode Forward Current
NDP710A
NDP710AE
NDB710A
NDB710AE
42
A
NDP710B
NDP710BE
NDB710B
NDB710BE
40
A
I
SM
Maximum Pulsed Drain-Source Diode Forward Current
NDP710A
NDP710AE
NDB710A
NDB710AE
168
A
NDP710B
NDP710BE
NDB710B
NDB710BE
160
A
V
SD
(Note 2)
Drain-Source Diode Forward
Voltage
V
GS = 0 V,
I
S = 21 A
ALL
0.89
1.3
V
T
J = 125°C
0.69
1.2
V
t
rr
Reverse Recovery Time
V
GS = 0 V, IS = 42 A,
dI
S/dt = 100 A/µs
ALL
128
180
ns
I
rr
Reverse Recovery Current
ALL
8.7
13
A
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance, Junction-to-Case
ALL
1
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
ALL
62.5
°C/W
Notes:
1. NDP710A/710B and NDB710A/710B are not rated for operation in avalanche mode.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
NDP710.SAM


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn