Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDB7060L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NDB7060L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB7060L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NDB7060L Datasheet HTML 1Page - Fairchild Semiconductor NDB7060L Datasheet HTML 2Page - Fairchild Semiconductor NDB7060L Datasheet HTML 3Page - Fairchild Semiconductor NDB7060L Datasheet HTML 4Page - Fairchild Semiconductor NDB7060L Datasheet HTML 5Page - Fairchild Semiconductor NDB7060L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
June 1996
NDP7060L / NDB7060L
N-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
Features
________________________________________________________________________________
Absolute Maximum Ratings
T
C = 25°C unless otherwise noted
Symbol
Parameter
NDP7060L
NDB7060L
Units
V
DSS
Drain-Source Voltage
60
V
V
DGR
Drain-Gate Voltage (R
GS < 1 M)
60
V
V
GSS
Gate-Source Voltage - Continuous
± 20
V
- Nonrepetitive (t
P < 50 µs)
± 40
I
D
Drain Current
- Continuous
75
A
- Pulsed
225
P
D
Total Power Dissipation @ T
C = 25°C
150
W
Derate above 25°C
1
W/°C
T
J,TSTG
Operating and Storage Temperature Range
-65 to 175
°C
NDP7060L Rev. B2 / NDB7060L Rev. C
S
D
G
75A, 60V. R
DS(ON) = 0.015@ VGS = 5V
Low drive requirements allowing operation directly from logic
drivers. V
GS(TH) < 2.0V.
Critical DC electrical parameters specified at elevated
temperature.
Rugged internal source-drain diode can eliminate the need
for an external Zener diode transient suppressor.
175°C maximum junction temperature rating.
High density cell design for extremely low R
DS(ON).
TO-220 and TO-263 (D
2PAK) package for both through hole
and surface mount applications.
These logic level N-Channel enhancement mode power field
effect transistors are produced using Fairchild's proprietary,
high cell density, DMOS technology. This very high density
process has been especially tailored to minimize on-state
resistance, provide superior switching performance, and
withstand
high
energy
pulses
in
the
avalanche
and
commutation modes. These devices are particularly suited for
low
voltage
applications
such
as
automotive,
DC/DC
converters, PWM motor controls, and other battery powered
circuits where fast switching, low in-line power loss, and
resistance to transients are needed.
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - NDB7060L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB7060L ISC-NDB7060L Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDB7060L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com