Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G73Z-20Z Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G73Z-20Z
Description  Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G73Z-20Z Datasheet(HTML) 3 Page - Omron Electronics LLC

  G73Z-20Z Datasheet HTML 1Page - Omron Electronics LLC G73Z-20Z Datasheet HTML 2Page - Omron Electronics LLC G73Z-20Z Datasheet HTML 3Page - Omron Electronics LLC G73Z-20Z Datasheet HTML 4Page - Omron Electronics LLC G73Z-20Z Datasheet HTML 5Page - Omron Electronics LLC G73Z-20Z Datasheet HTML 6Page - Omron Electronics LLC G73Z-20Z Datasheet HTML 7Page - Omron Electronics LLC G73Z-20Z Datasheet HTML 8Page - Omron Electronics LLC G73Z-20Z Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
G7Z
Characteristics
Note: The above values are initial values.
*1. The contact resistance for the Relay (G7Z) was measured with 1 A at 5 VDC using the voltage drop method.
The contact resistance for the auxiliary contact block (G73Z) was measured with 0.1 A at 5 VDC using the voltage drop method.
*2. The operate time was measured with the rated voltage imposed with any contact bounce ignored at the ambient temperature of 23°C.
*3. The insulation resistance was measured with a 1,000-VDC megohmmeter applied to the same places as those used for checking the dielectric
strength.
*4. The electrical endurance was measured at an ambient temperature of 23°C.
*5. The specifications for the auxiliary contact block mounted on the G7Z are the same as those for the G73Z auxiliary contact block.
*6. The failure rate is based on an operating frequency of 1,800 operations/h.
Approved Standards
UL Standard: UL508, UL840 (File No. E41643)
* Auxiliary contact ratings
CSA Standard: CSA Certification by
: CSA C22.2 No. 14
CCC Certification (File No.2009010304361493)
GB14048.4
EN Standard/TÜV Certification: EN 60947-4-1
(Certification No. R50079155)
* Auxiliary contact ratings
< Reference > Information
UL 508:
Industrial control devices
UL 840:
Insulation coordination including clearance and
creepage distance for electrical devices
CSA C22.2 No. 14: Industrial control devices
EN 60947-4-1:
Contactors
Classification
Relay
*5
Auxiliary contact block
Item
Model
G7Z-4A-
@Z, G7Z-3A1B-@Z, G7Z-2A2B-@Z
G73Z-20Z, G73Z-11Z, G73Z-02Z
Contact resistance
*1
400 m
Ω max.
100 m
Ω max.
Operating time
*2
50 ms max.
Release time
*2
50 ms max.
Maximum operating
frequency
Mechanical
1,800 operations/h
Rated load
1,200 operations/h
Insulation resistance
*3
1,000 M
Ω min.
Dielectric strength
Between coil and contacts
4,000 VAC, 50/60 Hz for 1 min
---
Between contacts of different polarity
4,000 VAC, 50/60 Hz for 1 min
Between contacts of the same polarity
2,000 VAC, 50/60 Hz for 1 min
Impulse withstand
voltage
Between coil and contacts
10 kV, 1.2
× 50 µs
---
Between contacts of different polarity
10 kV, 1.2
× 50 µs
Between contacts of the same polarity
4.5 kV, 1.2
× 50 µs
Vibration resistance
Destruction
10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Malfunction
NO: 10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
NC: 10 to 32 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Shock resistance
Destruction
Screw mounting: 700 m/s2, DIN Track mounting: 500 m/s2
Malfunction
NO: 100 m/s2
NC: 25 m/s2
Durability
Mechanical
1,000,000 operations min. (at 1,800 operations/h, contact no load)
Electrical
*4
AC resistive load: 80,000 operations
AC inductive load: 80,000 operations
DC resistive load: 100,000 operations
(at 1,200 operations/h, rated load)
Failure rate (P level) (reference value)
*6
2 A at 24 VDC
1 mA at 5 VDC
Ambient operating temperature
−25 to 60°C (with no icing or condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 330 g
Approx. 18 g
Model
Coil
ratings
Contact ratings
Number of
test
operations
G7Z
12, 24 VDC
NO
contact
40 A, 480 VAC, 60 Hz
(Resistive)
80,000
5 A, 120 VDC (Resistive)
100,000
22 A, 480 VAC, 60 Hz
(General Use)
100,000
D300
* (1-A current applied)
---
NC
contact
25 A, 480 VAC, 60 Hz
(Resistive)
5 A, 120 VDC (Resistive)
10 A, 480 VAC, 60 Hz
(General Use)
100,000
D300
* (1-A current applied)
---
Model
Contact ratings
G73Z
NO contact
D300 (1-A current applied)
NC contact
Model
Coil ratings
Contact ratings
G7Z
12, 24 VDC
NO
contact
AC-1: 40 A, 440 V, 50/60 Hz
AC-3: 16 A, 440 V, 50/60 Hz
DC-1: 5 A, 110 V
*AC-15: 0.5 A, 440 V, 50/60 Hz
*DC-13: 0.5 A, 110 V
NC
contact
AC-1: 25 A, 440 V, 50/60 Hz
DC-1: 5 A, 110 V
*AC-15: 0.5 A, 440 V, 50/60 Hz
*DC-13: 0.5 A, 110 V
G73Z
---
NO
contact
AC-15: 0.5 A, 440 V , 50/60 Hz
DC-13: 0.5 A, 110 V
NC
contact


Similar Part No. - G73Z-20Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
   Desktop Cases
G73AD-DC12 ETC1-G73AD-DC12 Datasheet
44Kb / 2P
   G73
G73AD-DC12A ETC1-G73AD-DC12A Datasheet
44Kb / 2P
   G73
G73AD-DC12C ETC1-G73AD-DC12C Datasheet
44Kb / 2P
   G73
G73AD-DC24 ETC1-G73AD-DC24 Datasheet
44Kb / 2P
   G73
More results

Similar Description - G73Z-20Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8PE OMRON-G8PE Datasheet
498Kb / 3P
   High current carrying and switching automotive PCB relay.
G9EJ OMRON-G9EJ Datasheet
951Kb / 4P
   DC Power Relays Capable of DC Loading at High Voltage and Current
logo
Schneider Electric
8910DPA73V06 SCHNEIDER-8910DPA73V06 Datasheet
116Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
8910DPA73RV06 SCHNEIDER-8910DPA73RV06 Datasheet
108Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
8910DPA73RV06 SCHNEIDER-8910DPA73RV06_V01 Datasheet
168Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
May 23, 2022
8910DPA73V06 SCHNEIDER-8910DPA73V06_V01 Datasheet
121Kb / 2P
   Contactor, Definite Purpose, 75A, 3 pole, 40 HP at 575 VAC, 3 phase, 440/480 VAC 50/60 Hz coil, open
May 20, 2022
logo
Omron Electronics LLC
G7L-X OMRON-G7L-X Datasheet
138Kb / 4P
   Compact Power Relay Capable of Switching 1,000 VDC Loads
logo
List of Unclassifed Man...
MHP-TA15-9-72 ETC2-MHP-TA15-9-72 Datasheet
348Kb / 6P
   Two levels of current carrying capacity:
logo
Fujitsu Component Limit...
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
logo
Panasonic Semiconductor
T-10 PANASONIC-T-10 Datasheet
386Kb / 7P
   Multi-purpose Snap Switches capable of 10 A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com