Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3JA-8C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H3JA-8C
Description  Economical, Compact, Plug-in Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3JA-8C Datasheet(HTML) 3 Page - Omron Electronics LLC

  H3JA-8C Datasheet HTML 1Page - Omron Electronics LLC H3JA-8C Datasheet HTML 2Page - Omron Electronics LLC H3JA-8C Datasheet HTML 3Page - Omron Electronics LLC H3JA-8C Datasheet HTML 4Page - Omron Electronics LLC H3JA-8C Datasheet HTML 5Page - Omron Electronics LLC H3JA-8C Datasheet HTML 6Page - Omron Electronics LLC H3JA-8C Datasheet HTML 7Page - Omron Electronics LLC H3JA-8C Datasheet HTML 8Page - Omron Electronics LLC H3JA-8C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Solid-state Timer
H3JA
3
■ Characteristics
Accuracy of operating time
±2% max.
Setting error
±7% max.
Influence of voltage
±2% max.
Influence of temperature
±5% max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min (between current-carrying and non-current-carrying parts, and between
contact-carrying and control circuit, and between contacts of different poles)
1,000 VAC, 50/60 Hz for 1 min (between non-continuous contacts)
Impulse withstand voltage
3 kV (between power terminals)
4.5 kV (between current-carrying terminal and exposed non-current-carrying metal parts)
Noise immunity
±1.5 kV (between power terminals) and ±1.5 kV (between output terminals), square-wave noise by
noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
Static immunity
Destruction: 8 kV
Malfunction: 6 kV
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm double amplitude in 3 directions for 1 hour each.
Malfunction: 10 to 55 Hz with 0.5-mm double amplitude in 3 directions for 10 minutes each.
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 100 m/s2
Ambient temperature
Operating: –10
°C to 55°C
Storage: –25
°C to 65°C
Ambient humidity
Operating: 35% to 85%
Life expectancy
H3JA-8A
Mechanical: 10,000,000 operations min.
Electrical: 60,000 operations min. (7 A resistive load at 250 VAC, 360 operations/h)
H3JA-8C
Mechanical: 10,000,000 operations min.
Electrical: 100,000 operations min. (5 A resistive load at 250 VAC, 360 operations/h)
EMC
(EMI)
Emission Enclosure: EN55011 Group 1 class A
Emission AC Mains: EN55011 Group 1 class A
(EMS)
Immunity ESD: EN61000-4-2: 6 kV contact discharge (level 3)
8 kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
EN61000-4-3: 10 V/m (80 MHz to 1 GHz) (level 3)
Immunity Burst: EN61000-4-4: 2 kV power port and output port (level 3)
1 kV control port with capacitive clamp (level 3)
Immunity Surge: EN61000-4-5: 2 kV common mode (level 3)
1 kV differential mode (level 3)
Approved standard
UL508, CSA C22.2 No. 14, conforms to EN61812-1
Case color
Light gray (Munsell 5Y7/1)
Degree of protection
IP40 (panel surface)
Weight
H3JA-8A: Approx. 50 g
H3JA-8C: Approx. 60 g


Similar Part No. - H3JA-8C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3JA OMRON-H3JA Datasheet
288Kb / 8P
   Solid-state Timer
More results

Similar Description - H3JA-8C

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CCD100 OMEGA-CCD100 Datasheet
201Kb / 1P
   Compact, Economical Temperature Controllers
logo
Nais(Matsushita Electri...
JTN NAIS-JTN Datasheet
92Kb / 3P
   COMPACT ECONOMICAL 30 AMP. RELAY
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
logo
List of Unclassifed Man...
AT7812 ETC2-AT7812 Datasheet
172Kb / 3P
   COMPACT SIZE TIMER COMMON OPTIONS
logo
Advanced Crystal Techno...
ACTF465A ACT-ACTF465A Datasheet
96Kb / 3P
   compact and economical surface acoustic wave (SAW) filter
SEPT 04
ACTF4015 ACT-ACTF4015 Datasheet
85Kb / 3P
   compact and economical surface-acoustic wave ( SAW ) filter
SEPT 04
logo
Transko Electronics, In...
TF-9136-ND TRANSKO-TF-9136-ND Datasheet
337Kb / 3P
   Low-loss, compact, and economical SAW Bandpass filter
logo
Advanced Crystal Techno...
ACTF465B ACT-ACTF465B Datasheet
106Kb / 3P
   compact and economical surface-acoustic wave (SAW) filter
SEPT 04
logo
Transko Electronics, In...
TF-9085-ND TRANSKO-TF-9085-ND Datasheet
325Kb / 3P
   Low-loss, compact, and economical SAW RF filter
logo
Advanced Crystal Techno...
ACTF59-14 ACT-ACTF59-14 Datasheet
43Kb / 2P
   low-loss, compact and economical surface-acoustic-wave filter
SEPT 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com