Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA8X44PDW40I3 Datasheet(PDF) 9 Page - InnovASIC, Inc

Part # IA8X44PDW40I3
Description  SDLC Communications Controller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8X44PDW40I3 Datasheet(HTML) 9 Page - InnovASIC, Inc

Back Button IA8X44PDW40I3 Datasheet HTML 5Page - InnovASIC, Inc IA8X44PDW40I3 Datasheet HTML 6Page - InnovASIC, Inc IA8X44PDW40I3 Datasheet HTML 7Page - InnovASIC, Inc IA8X44PDW40I3 Datasheet HTML 8Page - InnovASIC, Inc IA8X44PDW40I3 Datasheet HTML 9Page - InnovASIC, Inc IA8X44PDW40I3 Datasheet HTML 10Page - InnovASIC, Inc IA8X44PDW40I3 Datasheet HTML 11Page - InnovASIC, Inc IA8X44PDW40I3 Datasheet HTML 12Page - InnovASIC, Inc IA8X44PDW40I3 Datasheet HTML 13Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 9 of 65
1-888-824-4184
®
1.
Introduction
The Innovasic Semiconductor IA8044 and IA8344 are ―plug-and-play‖ drop-in replacements and
are form, fit, and function compatible parts to the Intel
8044 and 8344 (see Chapter 4,
Innovasic/Intel Part Number Cross-Reference Tables). These devices are produced using
Innovasic’s Managed IC Lifetime Extension System (MILES™). This cloning technology, which
produces replacement ICs beyond simple emulations, ensures complete compatibility with the
original device, including any ―undocumented features.‖ Additionally, the MILES™ process
captures the clone design in such a way that production of the clone can continue even as silicon
technology advances. The IA8044 and IA8344 replace the obsolete Intel 8044 and 8344, allowing
users to retain existing board designs, software compilers/assemblers, and emulation tools—thus
avoiding expensive redesign efforts.
The IA8044 and IA8344 are Fast Single-Chip 8-Bit Microcontrollers with an integrated
SDLC/HDLC serial interface controller. They are fully functional 8-Bit Embedded Controllers
that execute all ASM51 instructions and have the same instruction set as the Intel 80C51. The
IA8044 and IA8344 can access the instructions from two types of program memory, serve
software and hardware interrupts, and provide interface for serial communications and a timer
system. The IA8044 and IA8344 are fully compatible with the Intel
8X44 series.
This data sheet documents all necessary engineering information about the IA8044 and IA8344
including functional and I/O descriptions, electrical characteristics, and applicable timing.
1.1
Features
Form, fit, and function compatible with the Intel 8044 and 8344
Packaging options available in both leaded and RoHS versions:
– 40-Pin Plastic Dual In-Line Package (PDIP) (see IA8044 40-Lead PDIP Package
Diagram)
– 44-Pin Plastic Leaded Chip Carrier (PLCC) (see IA8344 44-Pin PLCC Package
Diagram)
8-bit control unit (see Functional Block Diagram)
8-bit arithmetic-logic unit with 16-bit multiplication and division
12-MHz clock
Four 8-bit input/output ports
Two 16-bit timer/counters
Serial interface unit with SDLC/HDLC compatibility
2.4-Mbps maximum serial data rate
Two-level priority interrupt system
5 interrupt sources
Internal clock prescaler and phase generator
192 bytes of read/write data memory space
64-Kbyte external program memory space


Similar Part No. - IA8X44PDW40I3

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA8X44 INNOVASIC-IA8X44 Datasheet
134Kb / 32P
   SDLC COMMUNICATIONS CONTROLLER
More results

Similar Description - IA8X44PDW40I3

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044 Datasheet
220Kb / 49P
   SDLC COMMUNICATIONS CONTROLLER
IA8044 INNOVASIC-IA8044_01 Datasheet
134Kb / 32P
   SDLC COMMUNICATIONS CONTROLLER
logo
Intel Corporation
8273 INTEL-8273 Datasheet
1Mb / 33P
   PROGRAMMABLE HDLC/SDLC PROTOCOL CONTROLLER
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
   UNIVERSAL COMMUNICATIONS CONTROLLER
logo
SMSC Corporation
IRCC SMSC-IRCC Datasheet
434Kb / 79P
   INFRARED COMMUNICATIONS CONTROLLER
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
   Infrared Communications Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com