Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM186ES-33VCW Datasheet(PDF) 5 Page - InnovASIC, Inc

Part # AM186ES-33VCW
Description  8-Bit/16-Bit Microcontrollers
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

AM186ES-33VCW Datasheet(HTML) 5 Page - InnovASIC, Inc

  AM186ES-33VCW Datasheet HTML 1Page - InnovASIC, Inc AM186ES-33VCW Datasheet HTML 2Page - InnovASIC, Inc AM186ES-33VCW Datasheet HTML 3Page - InnovASIC, Inc AM186ES-33VCW Datasheet HTML 4Page - InnovASIC, Inc AM186ES-33VCW Datasheet HTML 5Page - InnovASIC, Inc AM186ES-33VCW Datasheet HTML 6Page - InnovASIC, Inc AM186ES-33VCW Datasheet HTML 7Page - InnovASIC, Inc AM186ES-33VCW Datasheet HTML 8Page - InnovASIC, Inc AM186ES-33VCW Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 5 of 154
1-888-824-4184
®
2.2.36 rts0_n/rtr0_n/pio20—Ready-to-Send 0 (asynchronous output)/Ready-
to-Receive 0 (asynchronous input) .................................................................41
2.2.37 rxd0_n/pio23—Receive Data 0 (asynchronous input) ...................................41
2.2.38 rxd1_n/pio28—Receive Data 1 (asynchronous input) ...................................41
2.2.39 s2_n–s0_n—Bus Cycle Status (synchronous outputs with tristate) ...............41
2.2.40 s6/lock_n/clkdiv2_n/pio29—Bus Cycle Status Bit [6] (synchronous
output)/Bus Lock (synchronous output)/Clock Divide by 2 (input with
internal pullup)................................................................................................42
2.2.41 srdy/pio6—Synchronous Ready (synchronous level-sensitive input) ............42
2.2.42 tmrin0/pio11—Timer Input 0 (synchronous edge-sensitive input) ................42
2.2.43 tmrin1/pio0—Timer Input 1 (synchronous edge-sensitive input) ..................43
2.2.44 tmrout0/pio10—Timer Output 0 (synchronous output) .................................43
2.2.45 tmrout1/pio1—Timer Output 1 (synchronous output) ...................................43
2.2.46 txd0/pio22—Transmit Data 0 (asynchronous output) ....................................43
2.2.47 txd1/pio27—Transmit Data 1 (asynchronous output) ....................................43
2.2.48 ucs_n/once1_n—Upper Memory Chip Select (synchronous
output)/ONCE Mode Request 1 (input with internal pullup) .........................43
2.2.49 uzi_n/pio26—Upper Zero Indicate (synchronous output)..............................44
2.2.50 vcc—Power Supply (input)..............................................................................44
2.2.51 whb_n (IA186ES only)—Write High Byte (synchronous output with
tristate) ............................................................................................................44
2.2.52 wlb_n/wb_n—Write Low Byte (IA186ES only) (synchronous output
with tristate)/Write Byte (IA188ES only) (synchronous output with
tristate) ............................................................................................................44
2.2.53 wr_n—Write Strobe (synchronous output) ....................................................44
2.2.54 x1—Crystal Input ...........................................................................................44
2.2.55 x2—Crystal Input ...........................................................................................44
2.3
Pins Used by Emulators ..............................................................................................45
3.
Maximum Ratings, Thermal Characteristics, and DC Parameters .......................................45
4.
Device Architecture ..............................................................................................................47
4.1
Bus Interface and Control ...........................................................................................47
4.2
Clock and Power Management ...................................................................................49
4.3
System Clocks .............................................................................................................49
4.4
Power-Save Mode .......................................................................................................50
4.5
Initialization and Reset................................................................................................50
4.6
Reset Configuration Register ......................................................................................50
4.7
Chip Selects.................................................................................................................50
4.8
Chip-Select Timing .....................................................................................................50
4.9
Ready- and Wait-State Programming..........................................................................51
4.10 Chip-Select Overlap ....................................................................................................51
4.11 Upper-Memory Chip Select ........................................................................................52
4.12 Low-Memory Chip Select ...........................................................................................52


Similar Part No. - AM186ES-33VCW

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186ES-33VCW AMD-AM186ES-33VCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
More results

Similar Description - AM186ES-33VCW

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com