Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA2910A Datasheet(PDF) 4 Page - InnovASIC, Inc

Part # IA2910A
Description  Microprogram Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA2910A Datasheet(HTML) 4 Page - InnovASIC, Inc

  IA2910A_08 Datasheet HTML 1Page - InnovASIC, Inc IA2910A_08 Datasheet HTML 2Page - InnovASIC, Inc IA2910A_08 Datasheet HTML 3Page - InnovASIC, Inc IA2910A_08 Datasheet HTML 4Page - InnovASIC, Inc IA2910A_08 Datasheet HTML 5Page - InnovASIC, Inc IA2910A_08 Datasheet HTML 6Page - InnovASIC, Inc IA2910A_08 Datasheet HTML 7Page - InnovASIC, Inc IA2910A_08 Datasheet HTML 8Page - InnovASIC, Inc IA2910A_08 Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IA2910A
Data Sheet
Microprogram Controller
August 19, 2008
IA211030314-03
http://www.Innovasic.com
Customer Support:
Page 4 of 21
1-888-824-4184
Features
Form, Fit, and Function Compatible with the AMD
Am2910A
Packaging options available: 40 Pin Ceramic DIP or 44 Pin Plastic Leaded
Chip Carrier
Twelve Bits Wide
Internal Loop Counter
Four Address Sources
- push/pop stack counter
- internal holding register
- microprogram counter
- branch address bus
9 Word Deep Stack Register
- push/pop control for nesting subroutines
16 Sequence Control Microinstructions
Output Enable controls 3 Branch Address Sources
The IA2910A is a "plug-and-play" drop-in replacement for the original IC. innovASIC produces replacement
ICs using its MILESTM, or Managed IC Lifetime Extension System, cloning technology. This technology
produces replacement ICs far more complex than "emulation" while ensuring they are compatible with the
original IC. MILESTM captures the design of a clone so it can be produced even as silicon technology
advances. MILESTM also verifies the clone against the original IC so that even the "undocumented features"
are duplicated. This data sheet documents all necessary engineering information about the IA2910 including
functional and I/O descriptions, electrical characteristics, and applicable timing.
Package Pinout
(6)
PLn
(1)
YOUT4
(2)
DIN4
(3)
YOUT5
(4)
DIN5
(5)
VECTn
(7)
MAPn
(8)
I3
(9)
I2
(10)
VCC
(11)
I1
(12)
I0
(13)
CCENn
(14)
40 Pin DIP
IA2910A
CIN
CLK
VDD
OEn
(20)
YOUT7
(15)
RLDn
(16)
FULLn
(17)
DIN6
(18)
YOUT6
(19)
DIN7
(21)
(22)
(23)
(24)
YOUT8
DIN8
(40)
(39)
(38)
(37)
(36)
(35)
(34)
(33)
(32)
(31)
(30)
(29)
(28)
(27)
(26)
(25)
CCn
YOUT9
DIN9
YOUT10
DIN10
YOUT11
DIN11
DIN0
YOUT0
DIN1
YOUT1
DIN2
YOUT2
DIN3
YOUT3
44 Pin LCC
IA2910A
(12)
I1
(7)
PLn
(8)
MAPn
(9)
I3
(10)
I2
(11)
VCC
(13)
I0
(14)
CCENn
(15)
CCn
(16)
RLDn
(17)
N.C.
YOUT1
VDD
CLK
CIN
YOUT0
DIN0
(34)
(39)
(38)
(37)
(36)
(35)
(33)
(32)
(31)
(30)
(29)
DIN11
YOUT11
OEn
N. C.
N. C.


Similar Part No. - IA2910A_08

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA2910A-CD40M INNOVASIC-IA2910A-CD40M Datasheet
162Kb / 19P
   Microprogram Controller
IA2910A-CLC44M INNOVASIC-IA2910A-CLC44M Datasheet
162Kb / 19P
   Microprogram Controller
IA2910A-CLL44M INNOVASIC-IA2910A-CLL44M Datasheet
162Kb / 19P
   Microprogram Controller
IA2910A-PDW40C INNOVASIC-IA2910A-PDW40C Datasheet
162Kb / 19P
   Microprogram Controller
IA2910A-PDW40I INNOVASIC-IA2910A-PDW40I Datasheet
162Kb / 19P
   Microprogram Controller
More results

Similar Description - IA2910A_08

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
   Microprogram Controller
logo
List of Unclassifed Man...
C2910A ETC1-C2910A Datasheet
212Kb / 4P
   Microprogram Controller Megafunction
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
logo
Advanced Micro Devices
AM2911A AMD-AM2911A Datasheet
1Mb / 28P
   MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM29112 AMD-AM29112 Datasheet
1Mb / 19P
   A High-Performance 8-Bit Slice Microprogram Sequencer
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
   Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
   CONTROLLER
logo
Festo Corporation.
4252742 FESTO-4252742 Datasheet
84Kb / 3P
   Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
   Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com