Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA186XL Datasheet(PDF) 7 Page - InnovASIC, Inc

Part # IA186XL
Description  16-Bit Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186XL Datasheet(HTML) 7 Page - InnovASIC, Inc

Back Button IA186XL Datasheet HTML 3Page - InnovASIC, Inc IA186XL Datasheet HTML 4Page - InnovASIC, Inc IA186XL Datasheet HTML 5Page - InnovASIC, Inc IA186XL Datasheet HTML 6Page - InnovASIC, Inc IA186XL Datasheet HTML 7Page - InnovASIC, Inc IA186XL Datasheet HTML 8Page - InnovASIC, Inc IA186XL Datasheet HTML 9Page - InnovASIC, Inc IA186XL Datasheet HTML 10Page - InnovASIC, Inc IA186XL Datasheet HTML 11Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
IA186XL/IA188XL
Data Sheet
16-Bit Microcontrollers
July 6, 2011
IA211080711-09
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 7 of 75
1-888-824-4184
®
1.
Introduction
The Innovasic Semiconductor IA186XL and IA188XL microcontrollers are form, fit, and
function replacements for the original Intel 80C186XL and 80C188XL 16-bit high-integration
embedded processors.
These devices are produced using Innovasic’s Managed IC Lifetime Extension System
(MILES™). This cloning technology, which produces replacement ICs beyond simple
emulations, ensures compatibility with the original device, including any “undocumented
features.” Additionally, the MILES™ process captures the clone design in such a way that
production of the clone can continue even as silicon technology advances.
The IA186XL and IA188XL microcontrollers replace the obsolete Intel 80C186XL and
80C188XL devices, allowing users to retain existing board designs, software
compilers/assemblers, and emulation tools, thereby avoiding expensive redesign efforts.
1.1
General Description
The Innovasic Semiconductor IA186XL and IA188XL microcontrollers have a set of base
peripherals beneficial to many embedded applications and include a standard numeric interface,
an interrupt control unit, a chip-select unit/Ready Generation Logic, a DRAM refresh control
unit, a Power-Save Control unit, DMA and three 16-bit timer/counters.
The IA186XL and IA188XL microcontrollers operate at 5.0 volts ± 10%.
The following functional description describes the base architecture of the 80C186XL. The
80C186XL is a very high integration 16-bit microprocessor. It combines some of the most
common microprocessor system components onto one chip. The 80C186XL is object-code
compatible with the 8086/8088 microprocessors and adds ten new instruction types to the
8086/8088 instruction set.
The 80C186XL has two major modes of operation, Compatible and Enhanced. In Compatible
Mode, the 80C186XL is completely compatible with the 80186, with the exception of 8087
support. The Enhanced mode adds three new features to the system design. These are Power-
Save control, Dynamic RAM refresh, and an asynchronous Numerics Coprocessor interface
(80C186XL only).
1.2
Features
The primary features of the IA186XL and IA188XL microcontrollers are as follows:
Form, fit, and function compatible version of the low power Intel 80C186XL/80C188XL
Operation modes:
– Enhanced mode
o DRAM refresh control unit


Similar Part No. - IA186XL

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186EM INNOVASIC-IA186EM Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186EM-PQF100I INNOVASIC-IA186EM-PQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
More results

Similar Description - IA186XL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com