Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-DC12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G2R-1-DC12
Description  The Best Seller G2R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-DC12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G2R-1-DC12 Datasheet HTML 1Page - Omron Electronics LLC G2R-1-DC12 Datasheet HTML 2Page - Omron Electronics LLC G2R-1-DC12 Datasheet HTML 3Page - Omron Electronics LLC G2R-1-DC12 Datasheet HTML 4Page - Omron Electronics LLC G2R-1-DC12 Datasheet HTML 5Page - Omron Electronics LLC G2R-1-DC12 Datasheet HTML 6Page - Omron Electronics LLC G2R-1-DC12 Datasheet HTML 7Page - Omron Electronics LLC G2R-1-DC12 Datasheet HTML 8Page - Omron Electronics LLC G2R-1-DC12 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
G2R
PCB Power Relay
G
2
R
■Ordering Information
● PCB Terminal Models
Note: When ordering, add the rated coil voltage to the model number.
Example: G2R-1A 12 VAC
Number of poles
1-pole
2-pole
Classification
Enclosure rating
Contact form
Model
Rated coil voltage
Model
Rated coil voltage
General-purpose
Flux protection
NO
G2R-1A
12, 24, 100/(110) VAC
G2R-2A
12, 24, 100/(110) VAC
200/(220) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
NO/NC
G2R-1
12, 24, 100/(110) VAC
G2R-2
12, 24, 100/(110) VAC
200/(220) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
Fully sealed
NO
G2R-1A4
12, 24, 100/(110) VAC
G2R-2A4
12, 24, 100/(110) VAC
200/(220) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
NO/NC
G2R-14
12, 24, 100/(110) VAC
G2R-24
12, 24, 100/(110) VAC
200/(220) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
High-sensitivity
Flux protection
NO
G2R-1A-H
5, 6, 12, 24, 48 VDC
G2R-2A-H
5, 6, 12, 24, 48 VDC
NO/NC
G2R-1-H
5, 6, 12, 24, 48 VDC
G2R-2-H
5, 6, 12, 24, 48 VDC
Double-winding
latching
NO
G2RK-1A
5, 6, 12, 24 VDC
G2RK-2A
5, 12, 24 VDC
NO/NC
G2RK-1
5, 6, 12, 24 VDC
G2RK-2
5, 6, 12, 24 VDC
Bifurcated
contact
Flux protection
NO
G2R-1AZ
12, 24, 48 VDC
100 VDC
NO/NC
G2R-1Z
5, 6, 12, 24, 48 VDC
100 VDC
Fully sealed
NO
G2R-1AZ4
5, 12, 24, 48 VDC
100 VDC
NO/NC
G2R-1Z4
5, 12, 24, 48 VDC
100 VDC
High-capacity
Flux protection
NO
G2R-1A-E
12, 24, 100/(110) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
100 VDC
NO/NC
G2R-1-E
12, 24, 100/(110) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
100 VDC
Rated coil voltage


Similar Part No. - G2R-1-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-E OMRON-G2R-1-E Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1-E OMRON-G2R-1-E Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1-E OMRON-G2R-1-E Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1-E OMRON-G2R-1-E Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1-E OMRON-G2R-1-E Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-1-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-3V PANASONIC-TX2-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com