Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-1001 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-1001
Description  Accurately detects objects placed in front of shiny Background.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1001 Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-1001 Datasheet HTML 1Page - Omron Electronics LLC EE-1001 Datasheet HTML 2Page - Omron Electronics LLC EE-1001 Datasheet HTML 3Page - Omron Electronics LLC EE-1001 Datasheet HTML 4Page - Omron Electronics LLC EE-1001 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EE-SPY31/41
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Make sure that this product is used within the rated ambient
environment conditions.
● Wiring
• Connection is made using a connector. Do not solder to the pins
(leads).
• When extending the cable, use an extension cable with conductors
having a total cross-section area of 0.3 mm2. The total cable length
must be 2 m maximum.
• To use a cable length longer than 2 m, attach a capacitor with a
capacitance of approximately 10
µF to the wires as shown below.
The distance between the terminal and the capacitor must be within
2 m. (Use a capacitor with a dielectric strength that is at least twice
the Sensor's power supply voltage.)
• Make sure the total length of the power cable connected to the
product is less than 10 m even if a capacitor is inserted.
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Sensors
WARNING
Precautions for Correct Use
2 m max.
A capacitor of
10
µF min.
5 to 24 DCV
0 V
Extension cable
OUT
Accessories (Order Separately)
*Refer to Accessories for details.
Terminal Arrangement
(1)
+
Vcc
(2)
OUT
OUTPUT
(3)
GND (0 V)
EE-SPY311
EE-SPY411
26
19
20
20
19
7.6
18.7
0.2
14
8
16.8
22.8
13.7
3.2
6.2
5 2.5
0.3 0.7
3.2
Four, R1
Four, R1.6
Sensing face
(back) (10 x 5)
Indicator window
(red)
Four,
R2.1
(1)
(2)(3)
EE-SPY312
EE-SPY412
Terminal Arrangement
(1)
+
Vcc
(2)
OUT
OUTPUT
(3)
GND (0 V)
26
20
20
19
7.6
8
14
8
16.8
22.8
13.7
3.2
6.2
5 2.5
0.3 0.7
3.2
Four, R1
Four, R1.6
Sensing face
(10
× 5)
Indicator window
(red)
Four,
R2.1
0.2
19
(1)
(2)(3)


Similar Part No. - EE-1001

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1001 OMRON-EE-1001 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
EE-1001 OMRON-EE-1001 Datasheet
430Kb / 7P
   Reflective Photomicrosensor with Sensitivity Adjuster
EE-1001 OMRON-EE-1001 Datasheet
282Kb / 5P
   A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1001-1 OMRON-EE-1001-1 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
EE-1001-1 OMRON-EE-1001-1 Datasheet
430Kb / 7P
   Reflective Photomicrosensor with Sensitivity Adjuster
More results

Similar Description - EE-1001

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D5B5013 OMRON-D5B5013 Datasheet
436Kb / 5P
   Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
logo
Estek Electronics Co. L...
ET-IL7021 ESTEK-ET-IL7021 Datasheet
175Kb / 2P
   Function of this IC is accurately resetting the system
logo
Littelfuse
T2200 LITTELFUSE-T2200 Datasheet
217Kb / 2P
   The T2200 detects the highest
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
List of Unclassifed Man...
14228 ETC2-14228 Datasheet
86Kb / 2P
   Protects Front of Outlet Connector
logo
Taoglas antenna solutio...
FXR.06.A.DG TAOGLAS-FXR.06.A.DG Datasheet
2Mb / 10P
   Can be placed directly on metal surfaces
FXR.07.A.DG TAOGLAS-FXR.07.A.DG Datasheet
6Mb / 10P
   Can be placed directly on metal surfaces
logo
Ultralife Corporation.
MRC-KT0002 ULTRALIFE-MRC-KT0002 Datasheet
285Kb / 1P
   Charge module automatically detects open or shorted cells
Rev: B
logo
Contrinex AG Industrial...
LHR-C23PA-PMS-403 CONTRINEX-LHR-C23PA-PMS-403 Datasheet
520Kb / 6P
   BACKGROUND SUPPRESSION
LHR-C23PA-TMS-301 CONTRINEX-LHR-C23PA-TMS-301 Datasheet
510Kb / 6P
   BACKGROUND SUPPRESSION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com