Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-GS3B4 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-GS3B4
Description  Slotted Edge Registration Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-GS3B4 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-GS3B4 Datasheet HTML 1Page - Omron Electronics LLC E3S-GS3B4 Datasheet HTML 2Page - Omron Electronics LLC E3S-GS3B4 Datasheet HTML 3Page - Omron Electronics LLC E3S-GS3B4 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
E3S-GS
E3S-GS
Part number
E3S-GS1s4
E3S-GS3s4
Method of detection
Through-beam, one-piece grooved head
Supply voltage
12 to 24 VDC
Current consumption
40 mA max.
Groove width
1 cm (0.39 in)
3 cm (1.18 in)
Light source
Pulse modulated green LED
Pulse modulated infrared LED
Detectable object type
Marks on transparent shet,
Opaque materials,
2 x 3 mm (0.08 x 0.12 in)
3 mm (0.12 in)
minimum mark dimension
minimum diameter
Sensitivity
Adjustable
Mutual interference protection
Provided
Control
DC
Type
NPN-SPST open collector with constant current source (E3S-GSsE4)
output
solid-
PNP-SPST open collector (E3S-GSsB4)
state
Max. load
NPN type:
Load (relay, sink) logic:
80 mA
Voltage (source) logic:
1.5 to 3 mA
PNP type:
Load (relay, source) logic:
100 mA
Max. on-state
1 VDC
voltage drop
Response time
On
1 ms max.
Off
1 ms max.
Circuit
Output short-
Provided
protection
circuit
DC power supply
Provided
reverse polarity
Indicators
Light Incident (red LED), Output Stability (green LED)
Materials
Lens
Plastic
Case
Plastic
Diecast zinc
Cable sheath
Plastic
Mounting
Side mounting with two through holes; Bracket E39-L5 and hardware included
Connections
Prewired
3-conductor cable, 2 m (6.56 ft) length
Weight
100 g (3.35 oz.)
230 g (8.11 oz.)
Enclosure ratings
UL
NEMA
1, 2, 12
1, 4, 4X, 12, 13
IEC 144
IP65
IP67
Approvals
UL
CSA
Ambient
Operating
-25
° to 55°C (-13° to 131°F)
temperature
Storage
-40
° to 70°C (-40° to 158°F)
Specifications
E3S-GS
E3S-GS
s OUTPUT CIRCUIT DIAGRAMS
PNP output
NPN output
Note: IEC colors are shown in parentheses.
Voltage
logic
(source)
Photoelectric
sensor switch
Load
(relay
sink)
Red (Brown)
White
(Black)
Black
(Blue)
+V
0 V
Light-ON
Dark-ON
mode
mode
+12 to
0 V
24 VDC
0 V
+12 to
24 VDC
Photoelectric
sensor switch
0 V
Load
(relay)
(source)
Red (Brown)
White
(Black)
Black
(Blue)
Light-ON
Dark-ON
mode
mode
+12 to
0 V
24 VDC
0 V
+12 to
24 VDC
2.2


Similar Part No. - E3S-GS3B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-GS1B4 OMRON-E3S-GS1B4 Datasheet
278Kb / 4P
   Grooved Head Sensor with Built-In DC Amplifiers
E3S-GS1E4 OMRON-E3S-GS1E4 Datasheet
278Kb / 4P
   Grooved Head Sensor with Built-In DC Amplifiers
More results

Similar Description - E3S-GS3B4

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
R58B BANNER-R58B Datasheet
1Mb / 8P
   R58B Registration Mark Sensor
logo
Omron Electronics LLC
E3ML-S2E4-G OMRON-E3ML-S2E4-G Datasheet
1Mb / 14P
   Color Registration Mark Incandescent
logo
Banner Engineering Corp...
R58A BANNER-R58A Datasheet
390Kb / 5P
   R58A Series Registration Mark Sensors
R58E BANNER-R58E Datasheet
582Kb / 11P
   R58E Series Expert??Registration Mark Sensors
logo
Unity Opto Technology
MIT-5A117 UOT-MIT-5A117 Datasheet
56Kb / 3P
   SLOTTED PHOTOINTERRUPTER
logo
Marktech Corporate
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
   SLOTTED SWITCH
MTSS12000 MARKTECH-MTSS12000 Datasheet
107Kb / 4P
   SLOTTED SWITCH
MTSS8050 MARKTECH-MTSS8050 Datasheet
127Kb / 3P
   SLOTTED SWITCH
MTSS8520 MARKTECH-MTSS8520 Datasheet
116Kb / 3P
   SLOTTED SWITCH
logo
OPTEK Technologies
OPB780 OPTEK-OPB780 Datasheet
119Kb / 1P
   Slotted Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com