Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDB610A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NDB610A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB610A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NDB610A Datasheet HTML 1Page - Fairchild Semiconductor NDB610A Datasheet HTML 2Page - Fairchild Semiconductor NDB610A Datasheet HTML 3Page - Fairchild Semiconductor NDB610A Datasheet HTML 4Page - Fairchild Semiconductor NDB610A Datasheet HTML 5Page - Fairchild Semiconductor NDB610A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NDP610.SAM
-50
-25
0
25
50
75
100
125
150
175
0.9
0.95
1
1.05
1.1
1.15
T
, JUNCTION TEMPERATURE (°C)
I
= 250µA
D
J
0.2
0.4
0.6
0.8
1
1.2
0.01
0.1
1
10
30
V
, BODY DIODE FORWARD VOLTAGE (V)
V
= 0V
GS
T = 125°C
J
25°C
-55°C
SD
0
20
40
60
80
0
5
10
15
20
Q
, GATE CHARGE (nC)
g
I
= 26A
D
V
= 20V
DS
80
50
0.1
0.2
0.5
1
2
5
10
20
50
50
100
200
300
1000
2000
3000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
G
D
S
VDD
R
L
V
V
IN
OUT
V
GS
DUT
R
GEN
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d (off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE W IDTH
Figure 7. Breakdown Voltage
Variation with Temperature.
Figure 8. Body Diode Forward Voltage
Variation with Current and
Temperature.
Figure 9. Capacitance Characteristics.
Figure 10. Gate Charge Characteristics.
Figure 36. Switching Test Circuit.
Figure 12. Switching Waveforms.
Typical Electrical Characteristics (continued)


Similar Part No. - NDB610A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB610A ISC-NDB610A Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
NDB610AE ISC-NDB610AE Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDB610A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com