Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMLV0408EGSA-4S2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RMLV0408EGSA-4S2
Description  4Mb Advanced LPSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMLV0408EGSA-4S2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RMLV0408EGSA-4S2 Datasheet HTML 1Page - Renesas Technology Corp RMLV0408EGSA-4S2 Datasheet HTML 2Page - Renesas Technology Corp RMLV0408EGSA-4S2 Datasheet HTML 3Page - Renesas Technology Corp RMLV0408EGSA-4S2 Datasheet HTML 4Page - Renesas Technology Corp RMLV0408EGSA-4S2 Datasheet HTML 5Page - Renesas Technology Corp RMLV0408EGSA-4S2 Datasheet HTML 6Page - Renesas Technology Corp RMLV0408EGSA-4S2 Datasheet HTML 7Page - Renesas Technology Corp RMLV0408EGSA-4S2 Datasheet HTML 8Page - Renesas Technology Corp RMLV0408EGSA-4S2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R10DS0217EJ0001 Rev.0.01
Page 1 of 10
2013.09.10
Preliminary
RMLV0408E Series
4Mb Advanced LPSRAM (512k word × 8bit)
Description
The RMLV0408E Series is a family of 4-Mbit static RAMs organized 524,288-word × 8-bit, fabricated by Renesas’s
high-performance Advanced LPSRAM technologies. The RMLV0408E Series has realized higher density, higher
performance and low power consumption. The RMLV0408E Series offers low power standby power dissipation;
therefore, it is suitable for battery backup systems. It is offered in 32-pin SOP, 32-pin TSOP II or 32-pin STSOP.
Features
 Single 3V supply: 2.7V to 3.6V
 Access time: 45/55ns (max.)
 Current consumption:
── Standby: 0.4µA (typ.)
 Equal access and cycle times
 Common data input and output
── Three state output
 Directly TTL compatible
── All inputs and outputs
 Battery backup operation
Part Name Information
Part Name
Access
time
Temperature
Range
Package
RMLV0408EGSP-4S2
45 ns
-40 ~ +85°C
525-mil 32-pin plastic SOP
RMLV0408EGSP-5S2
55 ns
RMLV0408EGSB-4S2
45 ns
400-mil 32-pin plastic TSOP II
RMLV0408EGSB-5S2
55 ns
RMLV0408EGSA-4S2
45 ns
8mm x 13.4mm STSOP
RMLV0408EGSA-5S2
55 ns
R10DS0217EJ0001
Rev.0.01
2013.09.10


Similar Part No. - RMLV0408EGSA-4S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0408EGSA-4S2#AA RENESAS-RMLV0408EGSA-4S2#AA Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408EGSA-4S2#AA0 RENESAS-RMLV0408EGSA-4S2#AA0 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408EGSA-4S2#KA RENESAS-RMLV0408EGSA-4S2#KA Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408EGSA-4S2#KA0 RENESAS-RMLV0408EGSA-4S2#KA0 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
More results

Similar Description - RMLV0408EGSA-4S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
R10DS0216EJ0100 RENESAS-R10DS0216EJ0100 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
368Kb / 15P
   4Mb Advanced LPSRAM
R1LP0408D RENESAS-R1LP0408D_17 Datasheet
380Kb / 13P
   4Mb Advanced LPSRAM
R10DS0206EJ0100 RENESAS-R10DS0206EJ0100 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM
R1LP0408D RENESAS-R1LP0408D Datasheet
292Kb / 13P
   4Mb Advanced LPSRAM (512-kword × 8-bit)
2012.5.30
RMLV0408E RENESAS-RMLV0408E_16 Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408E RENESAS-RMLV0408E_15 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0414E RENESAS-RMLV0414E_15 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com