Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS2F-A421-J90-A Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XS2F-A421-J90-A
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-A421-J90-A Datasheet(HTML) 1 Page - Omron Electronics LLC

  XS2F-A421-J90-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-A421-J90-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-A421-J90-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-A421-J90-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-A421-J90-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-A421-J90-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-A421-J90-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-A421-J90-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-A421-J90-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Miniature Limit Switch
D4CC
1
Miniature Limit Switch
D4CC
Many Models Including Roller Lever
Switches are Only 16-mm Thick with
Connector
• New center roller lever models that enable ganged mounting of
up to 6 Switches.
• Cable connectors for easy Switch replacement.
• Triple-seal construction for plungers to provide IEC IP67, UL,
and CSA (type 3, 4, 13) degree of protection.
• Operation indicators available for easy monitoring (standard in-
dicator is lit when Switch is not operating).
Model Number Structure
■ Model Number Legend
1. Rated Load
(These codes are different from suffix codes of the D4C)
1:
1 A at 125 VAC
2:
1 A at 125 VAC (with LED indicator)
3:
1 A at 30 VDC
4:
1 A at 30 VDC (with LED indicator)
2. Actuator
01:
Pin plunger
02:
Roller plunger
03:
Crossroller plunger
10:
Bevel plunger
24:
Roller lever
31:
Sealed pin plunger
32:
Sealed roller plunger
33:
Sealed crossroller plunger
41:
Panel mount pin plunger
42:
Panel mount roller plunger
43:
Panel mount crossroller plunger
50:
Plastic rod
60:
Center roller lever
Note: With standard models, the operation indicator turns OFF when
the switch operates. If models with operation indicators that
turn ON when the switch operates are required, add "-B” to the
end of the model number.
1
2
D4CC-
@0@@


Similar Part No. - XS2F-A421-J90-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-A421-D90-F OMRON-XS2F-A421-D90-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
XS2F-A421-DB0-F OMRON-XS2F-A421-DB0-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
XS2F-A421-G90-F OMRON-XS2F-A421-G90-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
XS2F-A421-GB0-F OMRON-XS2F-A421-GB0-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results

Similar Description - XS2F-A421-J90-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com