Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDP6060L Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NDP6060L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDP6060L Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NDP6060L Datasheet HTML 1Page - Fairchild Semiconductor NDP6060L Datasheet HTML 2Page - Fairchild Semiconductor NDP6060L Datasheet HTML 3Page - Fairchild Semiconductor NDP6060L Datasheet HTML 4Page - Fairchild Semiconductor NDP6060L Datasheet HTML 5Page - Fairchild Semiconductor NDP6060L Datasheet HTML 6Page - Fairchild Semiconductor NDP6060L Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NDP6060L Rev. D / NDB6060L Rev. E
0
10
20
30
40
0
10
20
30
40
I
, DRAIN CURRENT (A)
T = -55°C
J
25°C
D
V
=10V
DS
125°C
1
2
3
5
10
20
30
60
100
1
2
5
10
20
50
100
200
300
V
, DRAIN-SOURCE VOLTAGE (V)
DS
100µs
1ms
10ms
100ms
DC
RDS(ON)
Li
m
it
10µs
V
= 5V
SINGLE PULSE
R
= 1.5 C/W
T
= 25°C
GS
C
θJC
o
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
t
,TIME (m s)
Single Pulse
D = 0.5
0.1
0.05
0.02
0.2
Duty Cycle, D = t
/t
1
2
R
(t) = r(t) * R
R
= 1.5 °C/W
θJC
θJC
θJC
T - T
= P * R
(t)
θJC
C
J
P(pk)
t1
t 2
1
0.01
Figure 13. Transconductance Variation with
Drain Current. and Temperature
Figure 14. Maximum Safe Operating. Area
Figure 15. Transient Thermal Response Curve.
Typical Electrical Characteristics (continued)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn