Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25008ASA00G Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1EX25008ASA00G
Description  Serial Peripheral Interface 8k EEPROM 16k EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25008ASA00G Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1EX25008ASA00G Datasheet HTML 5Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 6Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 7Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 8Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 9Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 10Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 11Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 12Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
R1EX25008ASA00G/R1EX25008ATA00G/R1EX25016ASA00G/R1EX25016ATA00G
Preliminary
Functional Description
Status Register
The following figure shows the Status Register Format. The Status Register contains a number of status and control
bits that can be read or set (as appropriate) by specific instructions.
Status Register Format
SRWD
0
0
0
BP1
BP0
WEL
WIP
b7
Status Register Write Disable
Block Protect Bits
Write Enable Latch Bits
Write In Progress Bits
b0
WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status Register
cycle.
WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be software
protected against Write instructions.
SRWD bit: The Status Register Write Disable (SRWD) bit is operated in conjunction with the write protect (W) signal.
The Status Register Write Disable (SRWD) bit and write protect (W) signal allow the device to be put in the Hardware
Protected mode. In this mode, the non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits.
Instructions
Each instruction starts with a single-byte code, as summarized in the following table. If an invalid instruction is sent
(one not contained in the following table), the device automatically deselects itself.
Instruction Set
Instruction
Description
Instruction Format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
R10DS0083EJ0100 Rev.1.00
Page 9 of 20
Oct. 02, 2012


Similar Part No. - R1EX25008ASA00G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX25008ASA00I#S0 RENESAS-R1EX25008ASA00I#S0 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
More results

Similar Description - R1EX25008ASA00G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Microchip Technology
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
java.util.regex.PatternSyntaxException: Unmatched closing ')' near index 5 93AA76)13 ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com