Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C330K3GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C330K3GACTU
Description  Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, /-10% Tol, 25V, C0G, 0402 (1005 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C330K3GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C330K3GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2013 - 96e808e7-73d6-46a9-9e52-0c8d25bd1602
KEMET Part Number: C0402C330K3GACTU
(C0402C330K3GAC7867)
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, +/-10% Tol, 25V, C0G, 0402 (1005 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.00
+/-0.05
W
0.50
+/-0.05
T
0.50
+/-0.05
B
0.30
+/-0.1
S
0.3
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7in
Package Type: Paper Tape
Package Quantity: 10000
General Information
Supplier: KEMET
Part Type Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Specifications
Capacitance: 33 pF
Chip Size: 0402 (1005 metric)
Voltage: 25V
Temperature Coefficient: C0G
Tolerance: +/-10%
Application: Standard Chip
Termination Type: Tin (Sn)
Marked: No
Temperature Range: -55/+125C
Dissipation Factor: 0.1%
Aging Rate: 0% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 62.5V
© 2006-2013 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0402C330K3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C330K5GACTU KEMET-C0402C330K5GACTU Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 33 pF, 10%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C330K5RACTU KEMET-C0402C330K5RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 33 pF, 10%, 50 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0402
More results

Similar Description - C0402C330K3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C330J3GACTU KEMET-C0402C330J3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, /-5% Tol, 25 V, C0G, 0402 (1005 metric)
C0402C330F5GACTU KEMET-C0402C330F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
C0402C180J3GACTU KEMET-C0402C180J3GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 18 pF, /-5% Tol, 25 V, C0G, 0402 (1005 metric)
C0402C102F5GACTU KEMET-C0402C102F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1000 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
1/04/2016
C0402C132F4GACTU KEMET-C0402C132F4GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1300 pF, /-1% Tol, 16 V, C0G, 0402 (1005 metric)
C0402C241G5GACTU KEMET-C0402C241G5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 240 pF, /-2% Tol, 50 V, C0G, 0402 (1005 metric)
C0402C510F5GACTU KEMET-C0402C510F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 51 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
C0402C681F5GACTU KEMET-C0402C681F5GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 680 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
C0402C209C5GACTU KEMET-C0402C209C5GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 2 pF, /-0.25pF Tol, 50 V, C0G, 0402 (1005 metric)
C0402C330J5GACAUTO KEMET-C0402C330J5GACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Auto Grade, 33 pF, /-5% Tol, 50 V, C0G, 0402 (1005 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com