Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3Z20BF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D3Z20BF
Description  0.4W SURFACE MOUNT PRECISION ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3Z20BF Datasheet(HTML) 4 Page - Diodes Incorporated

  D3Z20BF Datasheet HTML 1Page - Diodes Incorporated D3Z20BF Datasheet HTML 2Page - Diodes Incorporated D3Z20BF Datasheet HTML 3Page - Diodes Incorporated D3Z20BF Datasheet HTML 4Page - Diodes Incorporated D3Z20BF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D3Z2V4BF – D3Z36BF
Document number: DS35437 Rev. 7 - 2
4 of 5
www.diodes.com
October 2012
© Diodes Incorporated
D3Z2V4BF – D3Z36BF
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOD323F
Dim
Min
Max
Typ
A
0.60
0.75
b
0.25
0.35
c
0.05
0.26
D
1.15
1.35
1.25
E
1.60
1.80
1.70
He
2.30
2.70
2.50
L1
0.30
0.50
0.40
α1
α2
β1
β2
All Dimensions in mm
Dimensions
Value (in mm)
X
0.710
Y
0.403
C
2.700
A
He
E
D
b (2x)
c
L1
β2
β1
α2
α1
C
Y (2x)
X (2x)


Similar Part No. - D3Z20BF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3Z20BF DIODES-D3Z20BF Datasheet
135Kb / 5P
   0.4W SURFACE MOUNT PRECISION ZENER DIODE
D3Z20BF DIODES-D3Z20BF Datasheet
135Kb / 5P
   0.4W SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - D3Z20BF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3Z22BF-7 DIODES-D3Z22BF-7 Datasheet
135Kb / 5P
   0.4W SURFACE MOUNT PRECISION ZENER DIODE
D3Z2V4BF DIODES-D3Z2V4BF Datasheet
130Kb / 5P
   0.4W SURFACE MOUNT PRECISION ZENER DIODE
D3Z12BF-7 DIODES-D3Z12BF-7 Datasheet
135Kb / 5P
   0.4W SURFACE MOUNT PRECISION ZENER DIODE
D3Z15BF-7 DIODES-D3Z15BF-7 Datasheet
135Kb / 5P
   0.4W SURFACE MOUNT PRECISION ZENER DIODE
D3Z2V4BF DIODES-D3Z2V4BF_15 Datasheet
409Kb / 5P
   0.4W SURFACE MOUNT PRECISION ZENER DIODE
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com