Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501-50T5L13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1501-50T5L13
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501-50T5L13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1501-50T5L13 Datasheet HTML 1Page - Diodes Incorporated AP1501-50T5L13 Datasheet HTML 2Page - Diodes Incorporated AP1501-50T5L13 Datasheet HTML 3Page - Diodes Incorporated AP1501-50T5L13 Datasheet HTML 4Page - Diodes Incorporated AP1501-50T5L13 Datasheet HTML 5Page - Diodes Incorporated AP1501-50T5L13 Datasheet HTML 6Page - Diodes Incorporated AP1501-50T5L13 Datasheet HTML 7Page - Diodes Incorporated AP1501-50T5L13 Datasheet HTML 8Page - Diodes Incorporated AP1501-50T5L13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1501
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
4 of 12
JANUARY 2009
www.diodes.com
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Rating
Units
VOP
Operating Voltage
4.5 to 40
V
TA
Operating Ambient Temperature
-20 to 85
oC
Electrical Characteristics
(All Output Voltage Versions)
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version and VIN = 24V for the 12V version. ILOAD = 0.5A
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
IFB
Feedback Bias Current
VFB = 1.3V
(Adjustable version only)
40
60
nA
100
FOSC
Oscillator Frequency
127
150
173
KHZ
110
173
VSAT
Saturation Voltage
IOUT = 3A
No outside circuit
VFB = 0V force driver on
1.3
1.4
V
1.5
DC
Max. Duty Cycle(ON)
VFB = 0V force driver on
100
%
Min. Duty cycle(OFF)
VFB = 12V force driver off
0
ICL
Current Limit
Peak current
no outside circuit
VFB = 0V force driver on
3.6
4.0
5.5
A
6.5
IL
Output = 0
Output
Leakage
Current
No outside circuit
VFB = 12V force driver off (Note 3)
200
uA
Output = -1
VIN = 40V
2
60
mA
IQ
Quiescent Current
VFB = 12V force driver off
5
10
mA
ISTBY
Standby Quiescent
Current
ON/OFF pin = 5V
VIN = 40V
150
250
uA
350
VIL
ON/OFF pin Logic Input
Threshold Voltage
Low (regulator ON)
1.3
0.6
V
VIH
High (regulator OFF)
2.0
IH
ON/OFF Pin Logic
Input Current
VLOGIC = 2.5V (OFF)
15
25
uA
IL
ON/OFF Pin Input
Current
VLOGIC = 0.5V (ON)
0.02
5
θ
JA
Thermal Resistance
unction to Ambient
TO263-5L (Note 4)
37
oC/W
TO220-5L(R) (Note 4)
31
θ
JC
Thermal Resistance
Junction to Case
TO263-5L (Note 4)
6
oC/W
TO220-5L(R) (Note 4)
5
Notes:
3. Feedback pin removed from output and connected to 0V to force the output transistor switch ON. Feedback pin removed from output and
connected to 12V for the 3.3V, 5V, and the ADJ. version, and 15V for the 12V version, to force the output transistor switch OFF.
4. Test condition: Device mounted with copper area of approximately 3 in
2,1oz, no air flow.


Similar Part No. - AP1501-50T5L13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501-50T5L ANACHIP-AP1501-50T5L Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
AP1501-50T5L ANACHIP-AP1501-50T5L Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1501-50T5LA ANACHIP-AP1501-50T5LA Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
AP1501-50T5LA ANACHIP-AP1501-50T5LA Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results

Similar Description - AP1501-50T5L13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com