Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24512BTAS0IU0 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R1EX24512BTAS0IU0
Description  Two-wire serial interface 512k EEPROM (64-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24512BTAS0IU0 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R1EX24512BTAS0IU0 Datasheet HTML 6Page - Renesas Technology Corp R1EX24512BTAS0IU0 Datasheet HTML 7Page - Renesas Technology Corp R1EX24512BTAS0IU0 Datasheet HTML 8Page - Renesas Technology Corp R1EX24512BTAS0IU0 Datasheet HTML 9Page - Renesas Technology Corp R1EX24512BTAS0IU0 Datasheet HTML 10Page - Renesas Technology Corp R1EX24512BTAS0IU0 Datasheet HTML 11Page - Renesas Technology Corp R1EX24512BTAS0IU0 Datasheet HTML 12Page - Renesas Technology Corp R1EX24512BTAS0IU0 Datasheet HTML 13Page - Renesas Technology Corp R1EX24512BTAS0IU0 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
R1EX24512BSAS0I/R1EX24512BTAS0I
R10DS0026EJ0400 Rev.4.00
Page 10 of 17
Sep, 20, 2013
Write Operations
(WP=Low)
Byte Write: (Write operation during WP=Low status)
A write operation requires an 8-bit device address word with R/W = “0”. Then the EEPROM sends acknowledgment
"0" at the ninth clock cycle. After these, the EEPROMs receive 2 sequence 8-bit memory address words. Upon receipt
of this memory address, the EEPROM outputs acknowledgment "0" and receives a following 8-bit write data. After
receipt of write data, the EEPROM outputs acknowledgment "0". If the EEPROM receives a stop condition, the
EEPROM enters an internally-timed write cycle and terminates receipt of SCL, SDA inputs until completion of the
write cycle. The EEPROM returns to a standby mode after completion of the write cycle.
Byte Write Operation
Device
address
1st Memory
address (n)
2nd Memory
address (n)
Write data (n)
512k
10 10
W
Stop
Start
ACK
ACK
ACK
R/W
WP
ACK
Page Write:
The EEPROM is capable of the page write operation which allows any number of bytes up to 128 bytes to be written in
a single write cycle. The page write is the same sequence as the byte write except for inputting the more write data.
The page write is initiated by a start condition, device address word, memory address(n) and write data (Dn) with every
ninth bit acknowledgment. The EEPROM enters the page write operation if the EEPROM receives more write data
(Dn+1) instead of receiving a stop condition. The a0 to a6 address bits are automatically incremented upon receiving
write data (Dn+1). The EEPROM can continue to receive write data up to 128 bytes. If the a0 to a6 address bits
reaches the last address of the page, the a0 to a6 address bits will roll over to the first address of the same page and
previous write data will be overwritten. Upon receiving a stop condition, the EEPROM stops receiving write data and
enters internally-timed write cycle.
Page Write Operation
Device
address
1st Memory
address (n)
2nd Memory
address (n)
Write data (n+m)
Write data (n)
512k
10 10
W
Stop
Start
ACK
ACK
ACK
ACK
ACK
R/W
WP


Similar Part No. - R1EX24512BTAS0IU0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24512BTAS0I RENESAS-R1EX24512BTAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results

Similar Description - R1EX24512BTAS0IU0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24512I HITACHI-HN58X24512I Datasheet
55Kb / 20P
   Two-wire serial interface 512k EEPROM (64-kword 쨈 8-bit)
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com