Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24512BTAS0I Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1EX24512BTAS0I
Description  Two-wire serial interface 512k EEPROM (64-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24512BTAS0I Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1EX24512BTAS0I Datasheet HTML 3Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 4Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 5Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 6Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 7Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 8Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 9Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 10Page - Renesas Technology Corp R1EX24512BTAS0I Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
R1EX24512BSAS0I/R1EX24512BTAS0I
R10DS0026EJ0400 Rev.4.00
Page 7 of 17
Sep, 20, 2013
Device Address
(A0, A1, A2)
Eight devices can be wired for one common data bus line as maximum. Device address pins are used to distinguish
each device and device address pins should be connected to VCC or VSS. When device address code provided from SDA
pin matches corresponding hard-wired device address pins A0 to A2, that one device can be activated.
Pin Connections for A0 to A2
Pin connection
Memory size Max connect number
A2
A1
A0
Note
512k bit
8
VCC/VSS *
1
VCC/VSS *
1
VCC/VSS *
1
Note: 1. During floating, "VCC/VSS" are fixed to VSS, Because they are pulled down in the devise.
Write Protect
(WP)
When the Write Protect pin (WP) is high, the write protection feature is enabled and operates as shown in the following
table. Also, acknowledgment "0" is outputted after inputting device address and memory address. After inputting write
data, acknowledgment "1"(NO ACK) is outputted.
When the WP is low, write operation for all memory arrays are allowed. The read operation is always activated
irrespective of the WP pin status.
Write Protect Area
Write protect area
WP pin status
512k bit
VIH
Full (512k bit)
VIL
Normal read/write operation


Similar Part No. - R1EX24512BTAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24512BTAS0I RENESAS-R1EX24512BTAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results

Similar Description - R1EX24512BTAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24512I HITACHI-HN58X24512I Datasheet
55Kb / 20P
   Two-wire serial interface 512k EEPROM (64-kword 쨈 8-bit)
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com