Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDP6060 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. NDP6060
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDP6060 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (T
C = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRAIN-SOURCE AVALANCHE RATINGS (Note 1)
W
DSS
Single Pulse Drain-Source Avalanche
Energy
V
DD = 25 V, ID = 48 A
200
mJ
I
AR
Maximum Drain-Source Avalanche Current
48
A
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
60
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 60 V, VGS = 0 V
250
µA
T
J = 125°C
1
mA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 1)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
2
2.9
4
V
T
J = 125°C
1.4
2.3
3.6
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 24 A
0.02
0.025
T
J = 125°C
0.032
0.04
I
D(on)
On-State Drain Current
V
GS = 10 V, VDS = 10 V
48
A
g
FS
Forward Transconductance
V
DS = 10 V, ID = 24 A
10
19
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
1190
1800
pF
C
oss
Output Capacitance
475
800
pF
C
rss
Reverse Transfer Capacitance
150
400
pF
SWITCHING CHARACTERISTICS (Note 1)
t
D(on)
Turn - On Delay Time
V
DD = 30 V, ID = 48 A,
V
GS = 10 V, RGEN = 7.5
10
20
nS
t
r
Turn - On Rise Time
145
300
nS
t
D(off)
Turn - Off Delay Time
28
60
nS
t
f
Turn - Off Fall Time
77
150
nS
Q
g
Total Gate Charge
V
DS = 48 V,
I
D = 48 A, VGS = 10V
39
70
nC
Q
gs
Gate-Source Charge
7.6
nC
Q
gd
Gate-Drain Charge
22
nC
NDP6060 Rev. B1 / NDB6060 Rev. C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn