Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDP6060 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. NDP6060
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDP6060 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NDP6060 Datasheet HTML 1Page - Fairchild Semiconductor NDP6060 Datasheet HTML 2Page - Fairchild Semiconductor NDP6060 Datasheet HTML 3Page - Fairchild Semiconductor NDP6060 Datasheet HTML 4Page - Fairchild Semiconductor NDP6060 Datasheet HTML 5Page - Fairchild Semiconductor NDP6060 Datasheet HTML 6Page - Fairchild Semiconductor NDP6060 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TO-220 Tape and Reel Data and Package Dimensions
August 1999, Rev. B
0.165
TO-220 Tube Packing
Configuration: Figur e 1.0
Note/Comments
Packaging Option
TO-220 Packaging Information
Standard
(no f l ow code )
Packaging type
Rail/Tube
Qty per Tube/Box
45
Box Dimension (mm)
530x130x83
Max qty per Box
1,080
Weight per unit (gm)
1.4378
S62Z
BULK
300
114x102x51
1,500
1.4378
FSCINT Label
FSCINT Label
114mm x 102mm x 51mm
EO70 Immed iate Box
530mm x 130mm x 83mm
Intermediate bo x
300 units per
EO70 box
5 EO70 boxe s per per
Interm ediate Bo x
1500 uni ts maxi mum
qu ant it y per intermediate box
An ti-stati c
Bubbl e Sheet s
45 un it s per Tube
Conduct ive Plas ti c B ag
1080 uni ts maxi mum
qu ant it y per bo x
530mm x 130mm x 83mm
Intermediate bo x
FSCINT Label
12 Tube s per Bag
Note: All dim ensions are in inches
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
F9852
NDP4060L
1.300
±.015
0.080
0.032
±.003
0.275
0.275
0.160
0.800
0.450
±.030
20.000
+0.031
-0.065
0.123
+0.001
-0.003
LOT:
CBVK741B019
NSID:
FDP7060
D/C1:
D9842
SPEC REV:
B2
SPEC:
QTY:
1080
QA REV:
FAIRCHILD SEMICONDUCTOR CORPORATION
HTB:B
(FSCINT)
FSCINT Labe l samp le
TO-220 Tube
Configuration: Figure 4.0
TO-220 Packaging
Information: Figure 2.0
TO-220 bulk Packing
Configuration: Figure 3.0
2 bag s per Box
Packaging Description:
TO-220 parts are ship ped normally in tube. The tube is
made of PVC plastic treated with anti -stati c agent.These
tubes in standard option are placed inside a dissipative
plastic bag, barcode labeled, and placed inside a box
made of recyclable corrugated pa per. One box contains
two ba gs maximum (see fig. 1.0). And one or several o f
these boxes are placed inside a labeled shipp ing bo x
whic h c omes in different sizes dependi ng on the nu mber
of parts ship ped. The other option comes in bulk as
described in the Packagin g Information table. The unit s in
this option are placed inside a small box laid w ith anti-
static bubble sheet. These smaller boxes are individually
labeled and placed ins ide a larger box (see fig. 3.0).
These larger or intermediate boxes then will b e placed
finally inside a labeled shipping box whic h still comes in
different sizes depending on the number of units shipped.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn