Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDP6060 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. NDP6060
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDP6060 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NDP6060 Rev. B1 / NDB6060 Rev. C
-50
-25
0
25
50
75
100
125
150
175
0.9
0.95
1
1.05
1.1
1.15
T
, JUNCTION TEMPERATURE (°C)
I
= 250µA
D
J
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
10
60
V
, BODY DIODE FORWARD VOLTAGE (V)
V
= 0V
GS
T = 125°C
J
25°C
-55°C
SD
0
20
40
60
80
0
5
10
15
20
Q
, GATE CHARGE (nC)
g
48V
I
= 48A
D
V
= 12V
DS
24V
1
2
3
5
10
20
30
50
100
200
300
500
1000
2000
3000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
f = 1 MHz
V
= 0V
GS
Coss
Ciss
Crss
G
D
S
VDD
R
L
V
V
IN
OUT
V
GS
DUT
R
GEN
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE W IDTH
Figure 7. Breakdown Voltage Variation with
Temperature
Figure 8. Body Diode Forward Voltage Variation
with Current and Temperature
Figure 9. Capacitance Characteristics
Figure 10. Gate Charge Characteristics
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
Typical Electrical Characteristics (continued)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn