Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDP6060 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NDP6060
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDP6060 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NDP6060 Rev. B1 / NDB6060 Rev. C
0
1
2
3
4
5
6
0
20
40
60
80
100
V
, DRAIN-SOURCE VOLTAGE (V)
V
= 20V
GS
DS
6.0
5.0
7.0
8.0
10
12
9.0
-50
-25
0
25
50
75
100
125
150
175
0.5
0.75
1
1.25
1.5
1.75
2
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I
= 24A
D
-50
-25
0
25
50
75
100
125
150
175
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
J
I
= 250µA
D
V
= VGS
DS
0
20
40
60
80
100
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I
, DRAIN CURRENT (A)
D
V
= 6.0V
GS
9.0
10
7.0
8.0
20
12
0
20
40
60
80
100
0.5
1
1.5
2
2.5
I
, DRAIN CURRENT (A)
V
= 10V
GS
T = 125°C
J
25°C
-55°C
D
2
4
6
8
10
0
10
20
30
40
50
60
V
, GATE TO SOURCE VOLTAGE (V)
25°C
125°C
V
= 10V
DS
GS
T = -55°C
J
Typical Electrical Characteristics
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with Gate
Voltage and Drain Current
Figure 3. On-Resistance Variation
with Temperature
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Figure 5. Transfer Characteristics
Figure 6. Gate Threshold Variation with
Temperature


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn