Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53316RGTT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53316RGTT
Description  High-Efficiency, 5-A Step-Down Regulator with Integrated Switcher
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53316RGTT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53316RGTT Datasheet HTML 6Page - Texas Instruments TPS53316RGTT Datasheet HTML 7Page - Texas Instruments TPS53316RGTT Datasheet HTML 8Page - Texas Instruments TPS53316RGTT Datasheet HTML 9Page - Texas Instruments TPS53316RGTT Datasheet HTML 10Page - Texas Instruments TPS53316RGTT Datasheet HTML 11Page - Texas Instruments TPS53316RGTT Datasheet HTML 12Page - Texas Instruments TPS53316RGTT Datasheet HTML 13Page - Texas Instruments TPS53316RGTT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
60
70
80
90
100
0
1
2
3
4
5
Output Current (A)
VOUT=0.9 V
VOUT=1.0 V
VOUT=1.2 V
VOUT=1.5 V
VOUT=1.8 V
VOUT=2.5 V
FCCM
VIN=3.3 V
fSW=750 kHz
G007
60
70
80
90
100
0
1
2
3
4
5
Output Current (A)
VOUT=0.9 V
VOU=1.0 V
VOU=1.2 V
VOU=1.5 V
VOU=1.8 V
VOU=2.5 V
DE Mode
VIN=3.3 V
fSW=750 kHz
G008
60
70
80
90
100
0
1
2
3
4
5
Output Current (A)
VOUT=0.9 V
VOU=1.0 V
VOU=1.2 V
VOU=1.5 V
VOU=1.8 V
HEF Mode
VIN=3.3 V
fSW=750 kHz
G009
60
70
80
90
100
0
1
2
3
4
5
Output Current (A)
VOUT=0.9 V
VOUT=1.0 V
VOUT=1.2 V
VOUT=1.5 V
VOUT=1.8V
VOUT=2.5 V
VOUT=3.3 V
FCCM
VIN=5 V
fSW=750 kHz
G010
60
70
80
90
100
0
1
2
3
4
5
Output Current (A)
VOUT=0.9V
VOUT=1.0V
VOUT=1.2V
VOUT=1.5V
VOUT=1.8V
VOUT=2.5V
VOUT=3.3V
DE Mode
VIN=5 V
fSW=750 kHz
G011
60
70
80
90
100
0
1
2
3
4
5
Output Current (A)
VOUT=0.9 V
VOUT=1.0 V
VOUT=1.2 V
VOUT=1.5 V
VOUT=1.8 V
VOUT=2.5 V
VOU=3.3 V
HEF Mode
VIN=5 V
fSW=750 kHz
G012
TPS53316
SLUSAP5
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Inductor used: PCMC065T-1R0, 1
µH, 5.6 mΩ
Figure 13. Efficiency vs. Output Current, FCCM
Figure 14. Efficiency vs. Output Current, DE Mode
Figure 15. Efficiency vs. Output Current, HEF Mode
Figure 16. Efficiency vs. Output Current, FCCM
Figure 17. Efficiency vs. Output Current, DE Mode
Figure 18. Efficiency vs. Output Current, HEF Mode
10
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS53316


Similar Part No. - TPS53316RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTR TI1-TPS53310RGTR Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTT TI1-TPS53310RGTT Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53316RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com