Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C052A Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS370C052A
Description  8-BIT MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C052A Datasheet(HTML) 5 Page - Texas Instruments

  TMS370C052A Datasheet HTML 1Page - Texas Instruments TMS370C052A Datasheet HTML 2Page - Texas Instruments TMS370C052A Datasheet HTML 3Page - Texas Instruments TMS370C052A Datasheet HTML 4Page - Texas Instruments TMS370C052A Datasheet HTML 5Page - Texas Instruments TMS370C052A Datasheet HTML 6Page - Texas Instruments TMS370C052A Datasheet HTML 7Page - Texas Instruments TMS370C052A Datasheet HTML 8Page - Texas Instruments TMS370C052A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
Table 2. Memory Configurations
DEVICE
PROGRAM
MEMORY
(BYTES)
OFF-CHIP
MEMORY
EXP (BYTES)
DATA MEMORY
(BYTES)
OPERATING
MODES
PACKAGES
68 PIN PLCC/CLCC, OR
64 PIN PSDIP/CSDIP
ROM
EPROM
EXP. (BYTES)
RAM
EEPROM
µC†
µP†
64 PIN PSDIP/CSDIP
TMS370Cx50: TMS370C050, TMS370C150, TMS370C250, AND TMS370C350
TMS370C050A
4K
112K
256
256
FN – PLCC / NM –PSDIP
TMS370C150A
56K
256
FN – PLCC
TMS370C250A
56K
256
256
FN – PLCC
TMS370C350A
4K
112K
256
FN – PLCC / NM –PSDIP
TMS370Cx52: TMS370C052, TMS370C352, AND TMS370C452
TMS370C052A
8K
112K
256
256
FN – PLCC / NM –PSDIP
TMS370C352A
8K
112K
256
FN – PLCC / NM –PSDIP
TMS370C452A‡
8K
112K
256
256
FN – PLCC
TMS370Cx53: TMS370C353
TMS370C353A
12K
112K
1.5K
FN – PLCC
TMS370Cx56: TMS370C056, TMS370C156, TMS370C256, TMS370C356, TMS370C456, AND TMS370C756
TMS370C056A
16K
112K
512
512
FN – PLCC / NM –PSDIP
TMS370C156A
56K
512
FN – PLCC
TMS370C256A
56K
512
512
FN – PLCC
TMS370C356A
16K
112K
512
FN – PLCC / NM –PSDIP
TMS370C456A‡
16K
112K
512
512
FN – PLCC
TMS370C756A
16K
112K
512
512
FN – PLCC / NM –PSDIP
TMS370Cx58: TMS370C058, TMS370C358, AND TMS370C758
TMS370C058A
32K
64K
1K
256
FN – PLCC / NM –PSDIP
TMS370C358A
32K
64K
1K
FN – PLCC / NM –PSDIP
TMS370C758A,
TMS370C758B
32K
64K
1K
256
FN – PLCC / NM –PSDIP
TMS370Cx59: TMS370C059 AND TMS370C759
TMS370C059A§
48K
20K
3.5K
256
FN – PLCC
TMS370C759A§
48K
20K
3.5K
256
FN – PLCC
EPROM DEVICE: SE370C756, SE370C758, and SE370C759
SE370C756A¶
16K
112K
512
512
FZ – CLCC / JN –CSDIP
SE370C758A¶,
SE370C758B¶
32K
64K
1K
256
FZ – CLCC / JN –CSDIP
SE370C759A§¶
48K
20K
3.5K
256
FZ – CLCC
µC – Microcomputer mode
µP – Microprocessor mode
‡ TMS370C45x support ROM memory security. Refer to the program ROM section.
§ Only operate up to 3 MHz SYSCLK
¶ System evaluators and development tools are for use only in a prototype environment, and their reliability has not been characterized.


Similar Part No. - TMS370C052A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C052A TI-TMS370C052A Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C052AYYZ TI-TMS370C052AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C052A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com