Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP3G14YFPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP3G14YFPR
Description  LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP3G14YFPR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP3G14YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP3G14YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP3G14YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP3G14YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP3G14YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP3G14YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP3G14YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP3G14YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP3G14YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN74AUP3G14
SCES764D – SEPTEMBER 2009 – REVISED AUGUST 2012
www.ti.com
The SN74AUP3G14 contains three inverters and performs the Boolean function Y = A. The device functions as
three independent inverters but, because of Schmitt action, it may have different input threshold levels for
positive-going (VT+) and negative-going (VT–) signals.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TA
PACKAGE(2)
PART NUMBER
MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP3G14YFPR
_ _ _ H F _
0.23-mm Large Bump – YFP (Pb-free)
uQFN – DQE
Reel of 5000
SN74AUP3G14DQER
TX
–40°C to 85°C
QFN – RSE
Reel of 5000
SN74AUP3G14RSER
TX
SSOP – DCU
Reel of 3000
SN74AUP3G14DCUR
H14_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DCU: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
2
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Links: SN74AUP3G14


Similar Part No. - SN74AUP3G14YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
SN74AUP3G17DCUR TI-SN74AUP3G17DCUR Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
SN74AUP3G17DQER TI-SN74AUP3G17DQER Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
SN74AUP3G17RSER TI-SN74AUP3G17RSER Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
SN74AUP3G17YFPR TI-SN74AUP3G17YFPR Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74AUP3G14YFPR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP3G14 NEXPERIA-74AUP3G14 Datasheet
835Kb / 21P
   Low-power triple Schmitt trigger inverter
logo
ON Semiconductor
NLU3G14 ONSEMI-NLU3G14_16 Datasheet
80Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 4
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
   Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
   TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Texas Instruments
SN74LVC3G14 TI-SN74LVC3G14 Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_V01 Datasheet
150Kb / 11P
   Triple Schmitt-Trigger Inverter
April, 2022 - Rev. 12
NL37WZ14 ONSEMI-NL37WZ14 Datasheet
65Kb / 6P
   Triple Schmitt-Trigger Inverter
March, 2004 ??Rev. 3
logo
Texas Instruments
SN74LVC3G14 TI1-SN74LVC3G14_16 Datasheet
863Kb / 17P
[Old version datasheet]   Triple Schmitt-Trigger Inverter
logo
ON Semiconductor
NLX3G14 ONSEMI-NLX3G14_16 Datasheet
76Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com