Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495X687004AE100 Datasheet(PDF) 11 Page - Kemet Corporation

Part # T495X687004AE100
Description  Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495X687004AE100 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T495X687004AE100 Datasheet HTML 7Page - Kemet Corporation T495X687004AE100 Datasheet HTML 8Page - Kemet Corporation T495X687004AE100 Datasheet HTML 9Page - Kemet Corporation T495X687004AE100 Datasheet HTML 10Page - Kemet Corporation T495X687004AE100 Datasheet HTML 11Page - Kemet Corporation T495X687004AE100 Datasheet HTML 12Page - Kemet Corporation T495X687004AE100 Datasheet HTML 13Page - Kemet Corporation T495X687004AE100 Datasheet HTML 14Page - Kemet Corporation T495X687004AE100 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2009_T495 • 10/7/2013 11
11
Low ESR MnO
2 Tantalum & Aluminum Surface Mount Capacitors – T495 Surge Robust Low ESR MnO2 Series
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates
termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Table 1 – Ratings & Part Number Reference cont'd
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µAmps +20ºC
Max/5 Min
% @ +20ºC
120 Hz Max
mΩ @ 20ºC
100 kHz Max
(mA) 100 kHz
+25ºC
(mA) 100 kHz
+85ºC
(mA) 100 kHz
+125ºC
Reflow Temp
≤ 260ºC
16
100
X/7343-43
T495X107(1)016A(2)E100
16.0
8.0
100
1285
1157
514
1
16
100
X/7343-43
T495X107(1)016A(2)4095
16.0
8.0
125
1149
1034
460
1
16
150
D/7343-31
T495D157(M)016A(2)E060
24.0
12.0
60
1581
1423
632
1
16
150
D/7343-31
T495D157(M)016A(2)E085
24.0
8.0
85
1328
1195
531
1
16
150
D/7343-31
T495D157(1)016A(2)E100
24.0
8.0
100
1225
1103
490
1
16
150
D/7343-31
T495D157(1)016A(2)E125
24.0
8.0
125
1095
986
438
1
16
150
D/7343-31
T495D157(1)016A(2)E130
24.0
8.0
130
1074
967
430
1
16
150
D/7343-31
T495D157(1)016A(2)E150
24.0
8.0
150
1000
900
400
1
16
150
X/7343-43
T495X157(1)016A(2)E075
24.0
8.0
75
1483
1335
593
1
16
150
X/7343-43
T495X157(1)016A(2)E100
24.0
8.0
100
1285
1157
514
1
16
220
X/7343-43
T495X227(1)016A(2)E100
35.2
8.0
100
1285
1157
514
1
16
220
E/7360-38
T495E227(1)016A(2)E050
35.2
12.0
50
2000
1800
800
1
16
220
E/7360-38
T495E227(1)016A(2)E075
35.2
8.0
75
1633
1470
653
1
16
220
E/7360-38
T495E227(1)016A(2)E100
35.2
7.2
100
1414
1273
566
1
16
220
E/7360-38
T495E227(1)016A(2)E150
35.2
7.2
150
1155
1040
462
1
20
1
A/3216-18
T495A105(1)020A(2)E3K0
0.5
4.0
3000
158
142
63
1
20
1
A/3216-18
T495A105(1)020A(2)E5K0
0.5
4.0
5000
122
110
49
1
20
4.7
A/3216-18
T495A475(1)020A(2)E1K8
0.9
6.0
1800
204
184
82
1
20
4.7
A/3216-18
T495A475(1)020A(2)E2K0
0.9
6.0
2000
194
175
78
1
20
10
B/3528-21
T495B106(1)020A(2)E1K0
2.0
6.0
1000
292
263
117
1
20
10
B/3528-21
T495B106(1)020A(2)E800
2.0
6.0
800
326
293
130
1
20
10
C/6032-28
T495C106(1)020A(2)E300
2.0
6.0
300
606
545
242
1
20
10
C/6032-28
T495C106(1)020A(2)E350
2.0
6.0
350
561
505
224
1
20
10
C/6032-28
T495C106(1)020A(2)E400
2.0
6.0
400
524
472
210
1
20
10
C/6032-28
T495C106(1)020A(2)E450
2.0
6.0
450
494
445
198
1
20
10
C/6032-28
T495C106(1)020A(2)E475
2.0
6.0
475
481
433
192
1
20
15
C/6032-28
T495C156(1)020A(2)E375
3.0
6.0
375
542
488
217
1
20
15
C/6032-28
T495C156(1)020A(2)E400
3.0
6.0
400
524
472
210
1
20
15
D/7343-31
T495D156(1)020A(2)E275
3.0
4.0
275
739
665
296
1
20
15
D/7343-31
T495D156(1)020A(2)E1K2
3.0
4.0
1200
354
319
142
1
20
15
D/7343-31
T495D156(1)020A(2)4095
3.0
4.0
275
739
665
296
1
20
22
D/7343-31
T495D226(1)020A(2)E180
4.4
4.0
180
913
822
365
1
20
22
D/7343-31
T495D226(1)020A(2)E200
4.4
4.0
200
866
779
346
1
20
22
D/7343-31
T495D226(1)020A(2)E225
4.4
4.0
225
816
734
326
1
20
22
D/7343-31
T495D226(1)020A(2)4095
4.4
4.0
275
739
665
296
1
20
33
D/7343-31
T495D336(1)020A(2)E100
6.6
6.0
100
1225
1103
490
1
20
33
D/7343-31
T495D336(1)020A(2)E150
6.6
6.0
150
1000
900
400
1
20
33
D/7343-31
T495D336(1)020A(2)E200
6.6
6.0
200
866
779
346
1
20
47
D/7343-31
T495D476(1)020A(2)E075
9.4
6.0
75
1414
1273
566
1
20
47
D/7343-31
T495D476(1)020A(2)E100
9.4
6.0
100
1225
1103
490
1
20
47
D/7343-31
T495D476(1)020A(2)E150
9.4
6.0
150
1000
900
400
1
20
47
D/7343-31
T495D476(1)020A(2)E175
9.4
6.0
175
926
833
370
1
20
47
D/7343-31
T495D476(1)020A(2)E200
9.4
6.0
200
866
779
346
1
20
47
D/7343-31
T495D476(1)020A(2)E250
9.4
6.0
250
775
698
310
1
20
47
X/7343-43
T495X476(1)020A(2)E065
9.4
8.0
65
1593
1434
637
1
20
47
X/7343-43
T495X476(1)020A(2)E070
9.4
6.0
70
1535
1382
614
1
20
47
X/7343-43
T495X476(1)020A(2)E100
9.4
6.0
100
1285
1157
514
1
20
47
X/7343-43
T495X476(1)020A(2)E125
9.4
6.0
125
1149
1034
460
1
20
47
X/7343-43
T495X476(1)020A(2)E130
9.4
6.0
130
1127
1014
451
1
20
47
X/7343-43
T495X476(1)020A(2)E150
9.4
4.0
150
1049
944
420
1
20
47
X/7343-43
T495X476(1)020A(2)4095
9.4
4.0
150
1049
944
420
1
VDC
µF
KEMET/EIA
(See below for
part options)
µAmps +20ºC
Max/5 Min
% @ +20ºC
120 Hz Max
mΩ @ 20ºC
100 kHz Max
(mA) 100 kHz
+25ºC
(mA) 100 kHz
+85ºC
(mA) 100 kHz
+125ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Roll Over for
Order Info.
T
495
X
107
M
010
A
T
E045
Capacitor
Class
Series
Case Size
Capacitance
Code(pF)
Capacitance
Tolerance
Voltage
FailureRate/
Design
Lead Material
ESR
Packaging
(C-Spec)
T =
Tantalum
Surge
Robust
Low ESR
A, B, C,
D, E, T,
V, X
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin
(Sn) Plated
H = Standard
Solder Coated
(SnPb 5% Pb
minimum)
G = Gold Plated (A,
B, C, D, X only)
Last three
digits specify
ESR in mΩ. (45
= 45 mΩ)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T495X687004AE100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X687K006ATE100 KEMET-T495X687K006ATE100 Datasheet
75Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 680 uF, 10%, 6.3 VDC, SMD, MnO2, Molded, Low ESR, 100 mOhms, 7343, Height Max = 4.3mm
More results

Similar Description - T495X687004AE100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495C107K016ZTE200 KEMET-T495C107K016ZTE200 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495D226K035ATE250 KEMET-T495D226K035ATE250 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X107K020ZTE150 KEMET-T495X107K020ZTE150 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com