Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-503UYC2V-Y2-TSD Datasheet(PDF) 7 Page - Lucky Light Electronic

Part # LL-503UYC2V-Y2-TSD
Description  5mm Round Standard Type Ultra Yellow LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-503UYC2V-Y2-TSD Datasheet(HTML) 7 Page - Lucky Light Electronic

  LL-503UYC2V-Y2-TSD Datasheet HTML 1Page - Lucky Light Electronic LL-503UYC2V-Y2-TSD Datasheet HTML 2Page - Lucky Light Electronic LL-503UYC2V-Y2-TSD Datasheet HTML 3Page - Lucky Light Electronic LL-503UYC2V-Y2-TSD Datasheet HTML 4Page - Lucky Light Electronic LL-503UYC2V-Y2-TSD Datasheet HTML 5Page - Lucky Light Electronic LL-503UYC2V-Y2-TSD Datasheet HTML 6Page - Lucky Light Electronic LL-503UYC2V-Y2-TSD Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Luckylight
Spec No.: B525 X250
Rev No.: V.2
Date: Jan/26/2005
Page: 7 OF 7
Approved: JoJo
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Please read the following notes before using the product:
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change (Burn out will happen).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
3. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 260℃ for 5 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is
often started at the time of the hand solder.
4. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.


Similar Part No. - LL-503UYC2V-Y2-TSD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503UYC2V-Y2-2BD LUCKY-LIGHT-LL-503UYC2V-Y2-2BD Datasheet
138Kb / 7P
   5mm Round Standard Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2V-Y2-3AD LUCKY-LIGHT-LL-503UYC2V-Y2-3AD Datasheet
138Kb / 7P
   5mm Round Standard Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2V-Y2-4GD LUCKY-LIGHT-LL-503UYC2V-Y2-4GD Datasheet
138Kb / 7P
   5mm Round Standard Type Ultra Yellow LED Technical Data Sheet
More results

Similar Description - LL-503UYC2V-Y2-TSD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503UYC2V-Y2-2BD LUCKY-LIGHT-LL-503UYC2V-Y2-2BD Datasheet
138Kb / 7P
   5mm Round Standard Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2V-Y2-3AD LUCKY-LIGHT-LL-503UYC2V-Y2-3AD Datasheet
138Kb / 7P
   5mm Round Standard Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2V-Y2-4GD LUCKY-LIGHT-LL-503UYC2V-Y2-4GD Datasheet
138Kb / 7P
   5mm Round Standard Type Ultra Yellow LED Technical Data Sheet
LL-503VC2V-V1-2BD LUCKY-LIGHT-LL-503VC2V-V1-2BD Datasheet
137Kb / 7P
   5mm Round Standard Type Ultra Red LED Technical Data Sheet
LL-503VC2V-V1-3BD LUCKY-LIGHT-LL-503VC2V-V1-3BD Datasheet
137Kb / 7P
   5mm Round Standard Type Ultra Red LED Technical Data Sheet
LL-503VC2E-V1-TSC LUCKY-LIGHT-LL-503VC2E-V1-TSC Datasheet
138Kb / 7P
   5mm Round Standard Type Ultra Red LED Technical Data Sheet
LL-503VC2V-V1-4ID LUCKY-LIGHT-LL-503VC2V-V1-4ID Datasheet
137Kb / 7P
   5mm Round Standard Type Ultra Red LED Technical Data Sheet
LL-503UYC2E-Y2-3AC LUCKY-LIGHT-LL-503UYC2E-Y2-3AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2E-Y2-4GC LUCKY-LIGHT-LL-503UYC2E-Y2-4GC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2E-Y2-TSC LUCKY-LIGHT-LL-503UYC2E-Y2-TSC Datasheet
137Kb / 7P
   5mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com