Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495C226004AE380 Datasheet(PDF) 10 Page - Kemet Corporation

Part # T495C226004AE380
Description  Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495C226004AE380 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T495C226004AE380 Datasheet HTML 6Page - Kemet Corporation T495C226004AE380 Datasheet HTML 7Page - Kemet Corporation T495C226004AE380 Datasheet HTML 8Page - Kemet Corporation T495C226004AE380 Datasheet HTML 9Page - Kemet Corporation T495C226004AE380 Datasheet HTML 10Page - Kemet Corporation T495C226004AE380 Datasheet HTML 11Page - Kemet Corporation T495C226004AE380 Datasheet HTML 12Page - Kemet Corporation T495C226004AE380 Datasheet HTML 13Page - Kemet Corporation T495C226004AE380 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2009_T495 • 10/7/2013 10
10
Low ESR MnO
2 Tantalum & Aluminum Surface Mount Capacitors – T495 Surge Robust Low ESR MnO2 Series
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates
termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Table 1 – Ratings & Part Number Reference cont'd
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µAmps +20ºC
Max/5 Min
% @ +20ºC
120 Hz Max
mΩ @ 20ºC
100 kHz Max
(mA) 100 kHz
+25ºC
(mA) 100 kHz
+85ºC
(mA) 100 kHz
+125ºC
Reflow Temp
≤ 260ºC
10
470
X/7343-43
T495X477(1)010A(2)E200
47.0
10.0
200
908
817
363
1
10
470
E/7360-38
T495E477(1)010A(2)E040
47.0
10.0
40
2236
2012
894
1
10
470
E/7360-38
T495E477(1)010A(2)E060
47.0
10.0
60
1826
1643
730
1
10
470
E/7360-38
T495E477(1)010A(2)E100
47.0
10.0
100
1414
1273
566
1
16
2.2
A/3216-18
T495A225(1)016A(2)E2K5
0.5
6.0
2500
173
156
69
1
16
3.3
A/3216-18
T495A335(1)016A(2)E3K0
0.5
6.0
3000
158
142
63
1
16
4.7
A/3216-18
T495A475(1)016A(2)E2K0
0.8
6.0
2000
194
175
78
1
16
4.7
B/3528-21
T495B475(1)016A(2)E700
0.8
6.0
700
348
313
139
1
16
4.7
B/3528-21
T495B475(1)016A(2)E800
0.8
6.0
800
326
293
130
1
16
6.8
C/6032-28
T495C685(1)016A(2)E750
1.1
6.0
750
383
345
153
1
16
10
B/3528-21
T495B106(1)016A(2)E650
1.6
5.0
650
362
326
145
1
16
10
B/3528-21
T495B106(1)016A(2)E800
1.6
6.0
800
326
293
130
1
16
10
B/3528-21
T495B106(1)016A(2)E2K5
1.6
6.0
2500
184
166
74
1
16
10
T/3528-12
T495T106(M)016A(2)E4K0
1.6
8.0
4000
132
119
53
1
16
15
A/3216-18
T495A156(1)016A(2)E2K5
2.4
8.0
2500
173
156
69
1
16
15
B/3528-21
T495B156(1)016A(2)E800
2.4
6.0
800
326
293
130
1
16
15
C/6032-28
T495C156(1)016A(2)E400
2.4
6.0
400
524
472
210
1
16
22
B/3528-21
T495B226(1)016A(2)E700
3.5
6.0
700
348
313
139
1
16
22
C/6032-28
T495C226(1)016A(2)E350
3.5
6.0
350
561
505
224
1
16
22
C/6032-28
T495C226(1)016A(2)E500
3.5
6.0
500
469
422
188
1
16
33
C/6032-28
T495C336(1)016A(2)E200
5.3
6.0
200
742
668
297
1
16
33
C/6032-28
T495C336(1)016A(2)E225
5.3
6.0
225
699
629
280
1
16
33
C/6032-28
T495C336(1)016A(2)E230
5.3
6.0
230
692
623
277
1
16
33
C/6032-28
T495C336(1)016A(2)E275
5.3
6.0
275
632
569
253
1
16
33
C/6032-28
T495C336(1)016A(2)E300
5.3
6.0
300
606
545
242
1
16
33
D/7343-31
T495D336(1)016A(2)E150
5.3
6.0
150
1000
900
400
1
16
33
D/7343-31
T495D336(1)016A(2)E175
5.3
6.0
175
926
833
370
1
16
33
D/7343-31
T495D336(1)016A(2)E200
5.3
6.0
200
866
779
346
1
16
33
D/7343-31
T495D336(1)016A(2)E225
5.3
4.0
225
816
734
326
1
16
33
D/7343-31
T495D336(1)016A(2)4095
5.3
4.0
250
775
698
310
1
16
47
C/6032-28
T495C476(1)016A(2)E300
7.5
6.0
300
606
545
242
1
16
47
C/6032-28
T495C476(1)016A(2)E350
7.5
6.0
350
561
505
224
1
16
47
D/7343-31
T495D476(1)016A(2)E080
7.5
6.0
80
1369
1232
548
1
16
47
D/7343-31
T495D476(1)016A(2)E100
7.5
6.0
100
1225
1103
490
1
16
47
D/7343-31
T495D476(1)016A(2)E150
7.5
6.0
150
1000
900
400
1
16
47
D/7343-31
T495D476(1)016A(2)E180
7.5
6.0
180
913
822
365
1
16
47
D/7343-31
T495D476(1)016A(2)E800
7.5
6.0
800
433
390
173
1
16
47
D/7343-31
T495D476(1)016A(2)4095
7.5
6.0
200
866
779
346
1
16
68
C/6032-28
T495C686(1)016A(2)E250
10.9
6.0
250
663
597
265
1
16
68
V/7343-20
T495V686(1)016A(2)E180
10.9
6.0
180
833
750
333
1
16
68
V/7343-20
T495V686(1)016A(2)E250
10.9
6.0
250
707
636
283
1
16
68
V/7343-20
T495V686(1)016A(2)E300
10.9
6.0
300
645
581
258
1
16
68
D/7343-31
T495D686(1)016A(2)E070
10.9
6.0
70
1464
1318
586
1
16
68
D/7343-31
T495D686(1)016A(2)E100
10.9
6.0
100
1225
1103
490
1
16
68
D/7343-31
T495D686(1)016A(2)E150
10.9
6.0
150
1000
900
400
1
16
100
D/7343-31
T495D107(1)016A(2)E100
16.0
8.0
100
1225
1103
490
1
16
100
D/7343-31
T495D107(1)016A(2)E125
16.0
8.0
125
1095
986
438
1
16
100
D/7343-31
T495D107(1)016A(2)E130
16.0
8.0
130
1074
967
430
1
16
100
D/7343-31
T495D107(1)016A(2)E150
16.0
8.0
150
1000
900
400
1
16
100
D/7343-31
T495D107(1)016A(2)E800
16.0
8.0
800
433
390
173
16
100
X/7343-43
T495X107(1)016A(2)E080
16.0
8.0
80
1436
1292
574
1
VDC
µF
KEMET/EIA
(See below for
part options)
µAmps +20ºC
Max/5 Min
% @ +20ºC
120 Hz Max
mΩ @ 20ºC
100 kHz Max
(mA) 100 kHz
+25ºC
(mA) 100 kHz
+85ºC
(mA) 100 kHz
+125ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Roll Over for
Order Info.
T
495
X
107
M
010
A
T
E045
Capacitor
Class
Series
Case Size
Capacitance
Code(pF)
Capacitance
Tolerance
Voltage
FailureRate/
Design
Lead Material
ESR
Packaging
(C-Spec)
T =
Tantalum
Surge
Robust
Low ESR
A, B, C,
D, E, T,
V, X
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin
(Sn) Plated
H = Standard
Solder Coated
(SnPb 5% Pb
minimum)
G = Gold Plated (A,
B, C, D, X only)
Last three
digits specify
ESR in mΩ. (45
= 45 mΩ)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T495C226004AE380

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
T495C2261010AS TI-T495C2261010AS Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
logo
Kemet Corporation
T495C226K010ATE245 KEMET-T495C226K010ATE245 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 245 mOhms, 2.8mm
T495C226K016ATE350 KEMET-T495C226K016ATE350 Datasheet
76Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 22 uF, 10%, 16 VDC, SMD, MnO2, Molded, Low ESR, 350 mOhms, 6032, Height Max = 2.8mm
T495C226K025ATE300 KEMET-T495C226K025ATE300 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
More results

Similar Description - T495C226004AE380

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495C107K016ZTE200 KEMET-T495C107K016ZTE200 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495D226K035ATE250 KEMET-T495D226K035ATE250 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X107K020ZTE150 KEMET-T495X107K020ZTE150 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com