Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N100E Datasheet(PDF) 9 Page - Motorola, Inc

Part # 3N100E
Description  TMOS POWER FET 3.0 AMPERES 1000 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

3N100E Datasheet(HTML) 9 Page - Motorola, Inc

Back Button 3N100E Datasheet HTML 2Page - Motorola, Inc 3N100E Datasheet HTML 3Page - Motorola, Inc 3N100E Datasheet HTML 4Page - Motorola, Inc 3N100E Datasheet HTML 5Page - Motorola, Inc 3N100E Datasheet HTML 6Page - Motorola, Inc 3N100E Datasheet HTML 7Page - Motorola, Inc 3N100E Datasheet HTML 8Page - Motorola, Inc 3N100E Datasheet HTML 9Page - Motorola, Inc 3N100E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MTB3N100E
9
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones, and a figure
for belt speed. Taken together, these control settings make up
a heating “profile” for that particular circuit board. On
machines controlled by a computer, the computer remembers
these profiles from one operating session to the next. Figure
18 shows a typical heating profile for use when soldering a
surface mount device to a printed circuit board. This profile will
vary among soldering systems but it is a good starting point.
Factors that can affect the profile include the type of soldering
system in use, density and types of components on the board,
type of solder used, and the type of board or substrate material
being used. This profile shows temperature versus time. The
line on the graph shows the actual temperature that might be
experienced on the surface of a test board at or near a central
solder joint. The two profiles are based on a high density and
a low density board. The Vitronics SMD310 convection/in-
frared reflow soldering system was used to generate this
profile. The type of solder used was 62/36/2 Tin Lead Silver
with a melting point between 177 –189
°C. When this type of
furnace is used for solder reflow work, the circuit boards and
solder joints tend to heat first. The components on the board
are then heated by conduction. The circuit board, because it
has a large surface area, absorbs the thermal energy more
efficiently, then distributes this energy to the components.
Because of this effect, the main body of a component may be
up to 30 degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
Figure 18.
Typical Solder Heating Profile


Similar Part No. - 3N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N100E MOTOROLA-3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
More results

Similar Description - 3N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB1N100E MOTOROLA-MTB1N100E Datasheet
256Kb / 10P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MTP3N50E MOTOROLA-MTP3N50E Datasheet
251Kb / 8P
   TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com