Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N100E Datasheet(PDF) 8 Page - Motorola, Inc

Part # 3N100E
Description  TMOS POWER FET 3.0 AMPERES 1000 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

3N100E Datasheet(HTML) 8 Page - Motorola, Inc

Back Button 3N100E Datasheet HTML 2Page - Motorola, Inc 3N100E Datasheet HTML 3Page - Motorola, Inc 3N100E Datasheet HTML 4Page - Motorola, Inc 3N100E Datasheet HTML 5Page - Motorola, Inc 3N100E Datasheet HTML 6Page - Motorola, Inc 3N100E Datasheet HTML 7Page - Motorola, Inc 3N100E Datasheet HTML 8Page - Motorola, Inc 3N100E Datasheet HTML 9Page - Motorola, Inc 3N100E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MTB3N100E
8
Motorola TMOS Power MOSFET Transistor Device Data
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed
circuit board, solder paste must be applied to the pads. Solder
stencils are used to screen the optimum amount. These
stencils are typically 0.008 inches thick and may be made of
brass or stainless steel. For packages such as the SC–59,
SC–70/SOT–323, SOD–123, SOT–23, SOT–143, SOT–223,
SO–8, SO–14, SO–16, and SMB/SMC diode packages, the
stencil opening should be the same as the pad size or a 1:1
registration. This is not the case with the DPAK and D2PAK
packages. If one uses a 1:1 opening to screen solder onto the
drain pad, misalignment and/or “tombstoning” may occur due
to an excess of solder. For these two packages, the opening
in the stencil for the paste should be approximately 50% of the
tab area. The opening for the leads is still a 1:1 registration.
Figure 17 shows a typical stencil for the DPAK and D2PAK
packages. The pattern of the opening in the stencil for the
drain pad is not critical as long as it allows approximately 50%
of the pad to be covered with paste.
Figure 17. Typical Stencil for DPAK and
D2PAK Packages
SOLDER PASTE
OPENINGS
STENCIL
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and soldering
should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference shall be a maximum of 10
°C.
The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the maximum
temperature gradient shall be 5
°C or less.
After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling.
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.
* Due to shadowing and the inability to set the wave height to
incorporate other surface mount components, the D2PAK is
not recommended for wave soldering.


Similar Part No. - 3N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N100E MOTOROLA-3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
More results

Similar Description - 3N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB1N100E MOTOROLA-MTB1N100E Datasheet
256Kb / 10P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MTP3N50E MOTOROLA-MTP3N50E Datasheet
251Kb / 8P
   TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com