Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N100E Datasheet(PDF) 6 Page - Motorola, Inc

Part # 3N100E
Description  TMOS POWER FET 3.0 AMPERES 1000 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

3N100E Datasheet(HTML) 6 Page - Motorola, Inc

Back Button 3N100E Datasheet HTML 2Page - Motorola, Inc 3N100E Datasheet HTML 3Page - Motorola, Inc 3N100E Datasheet HTML 4Page - Motorola, Inc 3N100E Datasheet HTML 5Page - Motorola, Inc 3N100E Datasheet HTML 6Page - Motorola, Inc 3N100E Datasheet HTML 7Page - Motorola, Inc 3N100E Datasheet HTML 8Page - Motorola, Inc 3N100E Datasheet HTML 9Page - Motorola, Inc 3N100E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MTB3N100E
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
Figure 15. D2PAK Power Derating Curve
RθJA = 50°C/W
Board material = 0.065 mil FR–4
Mounted on the minimum recommended footprint
Collector/Drain Pad Size
≈ 450 mils x 350 mils
0.1
1.0
1000
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
100
10
10
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
t, TIME (ms)
Figure 13. Thermal Response
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
25
150
0
1.0E–05
1.0E–04
1.0E–02
0.1
1.0
0.01
1.0E–03
1.0E–01
1.0E+00
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
D = 0.5
1.0E+01
250
VGS = 20 V
SINGLE PULSE
TC = 25°C
50
100
125
75
50
200
150
100
ID = 3 A
1.0
dc
100
µs
10
µs
1 ms
10 ms


Similar Part No. - 3N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
3N100E MOTOROLA-3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
More results

Similar Description - 3N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB1N100E MOTOROLA-MTB1N100E Datasheet
256Kb / 10P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MTP3N50E MOTOROLA-MTP3N50E Datasheet
251Kb / 8P
   TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com