Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDP410B Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NDP410B
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDP410B Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NDP410B Datasheet HTML 1Page - Fairchild Semiconductor NDP410B Datasheet HTML 2Page - Fairchild Semiconductor NDP410B Datasheet HTML 3Page - Fairchild Semiconductor NDP410B Datasheet HTML 4Page - Fairchild Semiconductor NDP410B Datasheet HTML 5Page - Fairchild Semiconductor NDP410B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NDP410.SAM
0
2
4
6
8
10
0
2
4
6
8
I
, DRAIN CURRENT (A)
T
= -55°C
J
25°C
D
125°C
V
= 10V
DS
t p
t p
V
= 10V
GS
L
+
-
VDD
VDD
BVDSS
I L
t
is adjusted to reach
the desired peak inductive
current, I .
p
L
1
2
3
5
10
20
50
100
150
0.5
1
2
5
10
50
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 20V
SINGLE PULSE
T
= 25°C
GS
C
RDS(ON)
Li
mit
100µs
1ms
10ms
DC
10µs
Figure 13. Transconductance Variation
with Drain Current and Temperature.
Figure 14. Unclamped Inductive Load
Circuit and Waveforms.
Figure 15. Maximum Safe Operating Area.
Figure 16. Transient Thermal Response Curve.
Typical Electrical Characteristics (continued)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
t
,TIME (ms)
Single Pulse
D = 0.5
0.1
0.05
0.02
0.2
Duty Cycle, D = t
/t
1
2
R
(t) = r(t) * R
R
= 3.0 °C/W
θJC
θJC
θJC
T - T
= P * R
(t)
θJC
C
J
P(pk)
t1
t 2
1
0.01


Similar Part No. - NDP410B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDP410B ISC-NDP410B Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
NDP410BE ISC-NDP410BE Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDP410B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com