Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPG2419T6R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. UPG2419T6R
Description  GaAs Integrated Circuit SPDT Switch for 4.0 GHz to 5.0 GHz
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

UPG2419T6R Datasheet(HTML) 3 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
μPG2419T6R
R09DS0006EJ0100 Rev.1.00
Page 3 of 15
Sep 07, 2010
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, Vcont (H) = 3.0 V, Vcont (L) = 0 V, ZO = 50 Ω, RX port DC blocking capacitors
= 8 pF, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
ANT-RX Insertion Loss 1
Lins1
f = 4.0 to 5.0 GHz
0.45
0.80
dB
ANT-TX Insertion Loss 2
Lins2
f = 4.0 to 5.0 GHz
0.55
0.80
dB
ANT-RX Insertion Loss 3
Lins3
f = 2.4 to 6.0 GHz
0.50
dB
ANT-TX Insertion Loss 4
Lins4
f = 2.4 to 6.0 GHz
0.80
dB
ANT-RX Isolation 1 (ANT-TX: ON)
ISL1
f = 4.0 to 5.0 GHz
12
17
dB
ANT-TX Isolation 2 (ANT-RX: ON)
ISL2
f = 4.0 to 5.0 GHz
21
26
dB
ANT-RX Isolation 3 (ANT-TX: ON)
ISL3
f = 2.4 to 6.0 GHz
15
dB
ANT-TX Isolation 4 (ANT-RX: ON)
ISL4
f = 2.4 to 6.0 GHz
25
dB
Return Loss 1 (ANT)
RLin1
f = 4.0 to 5.0 GHz
12
20
dB
Return Loss 2 (TX/RX)
RLin2
f = 4.0 to 5.0 GHz
12
20
dB
Return Loss 3 (ANT-RX: ON)
RLin3
f = 2.4 to 6.0 GHz
18
dB
Return Loss 4 (ANT-TX: ON)
RLin4
f = 2.4 to 6.0 GHz
11
dB
0.1 dB Loss Compression
Pin (0.1 dB)
f = 4.0 to 5.0 GHz
21
24
dBm
Input Power
Note
Switch Control Current
Icont
No RF input
0.1
1.0
μA
Switch Control Speed
tSW
50% CTL to 90/10% RF
20
100
ns
Note: Pin (0.1 dB) is the measured input power level when the insertion loss increases 0.1 dB more than that of the linear
range.
CAUTION
It is necessary to use DC blocking capacitor for RX port only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn