Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPG2419T6R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. UPG2419T6R
Description  GaAs Integrated Circuit SPDT Switch for 4.0 GHz to 5.0 GHz
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

UPG2419T6R Datasheet(HTML) 2 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
μPG2419T6R
R09DS0006EJ0100 Rev.1.00
Page 2 of 15
Sep 07, 2010
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
TX
2
GND
3
RX
4
Vcont2
5
ANT
6
Vcont1
(Top View)
(Bottom View)
1
2
3
4
5
6
1
2
3
4
5
6
1
2
3
4
5
6
(Top View)
TX
GND
RX
Vcont1
ANT
Vcont2
SW TRUTH TABLE
ON Path
Vcont1
Vcont2
ANT-TX
High
Low
ANT-RX
Low
High
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Switch Control Voltage
Vcont
+6.0
Note
V
Input Power
Pin
+26.0
dBm
Power Dissipation
PD
150
mW
Operating Ambient Temperature
TA
−45 to +105
°C
Storage Temperature
Tstg
−55 to +150
°C
Note:
⎪Vcont1 − Vcont2⎪ ≤ 6.0 V
RECOMMENDED OPERATING RANGE (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f
2.4
6.0
GHz
Switch Control Voltage (H)
Vcont (H)
2.65
3.0
3.6
V
Switch Control Voltage (L)
Vcont (L)
−0.2
0
0.2
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn