Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2419T6R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPG2419T6R
Description  GaAs Integrated Circuit SPDT Switch for 4.0 GHz to 5.0 GHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2419T6R Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPG2419T6R Datasheet HTML 1Page - Renesas Technology Corp UPG2419T6R Datasheet HTML 2Page - Renesas Technology Corp UPG2419T6R Datasheet HTML 3Page - Renesas Technology Corp UPG2419T6R Datasheet HTML 4Page - Renesas Technology Corp UPG2419T6R Datasheet HTML 5Page - Renesas Technology Corp UPG2419T6R Datasheet HTML 6Page - Renesas Technology Corp UPG2419T6R Datasheet HTML 7Page - Renesas Technology Corp UPG2419T6R Datasheet HTML 8Page - Renesas Technology Corp UPG2419T6R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
R09DS0006EJ0100 Rev.1.00
Page 1 of 15
Sep 07, 2010
PreliminaryData Sheet
μPG2419T6R
GaAs Integrated Circuit
SPDT Switch for 4.0 GHz to 5.0 GHz
FEATURES
• Integrated DC blocking capacitors for ANT and TX ports.
• Smaller and Thin Package
: 6-pin plastic TSSON (T6R) package (1.0
× 1.0 × 0.37 mm)
APPLICATIONS
• This SPDT switch is developed for and used for conjunction with the CXD3267AGG and CXD3268AGW that are
designed for the TransferJet specifications.
These ICs are developed and released by Sony Corporation.
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
μPG2419T6R-E2 μPG2419T6R-E2-A 6-pin plastic
TSSON (T6R)
(Pb-Free)
GA
Embossed tape 8 mm wide
Pin 1, 6 face the perforation side of the tape
Qty 5 kpcs/reel
Remark To order evaluation samples, please contact your nearby sales office.
Part number for sample order:
μPG2419T6R
CAUTION
Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this
device. This device must be protected at all times from ESD. Static charges may easily produce potentials of
several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard
ESD precautions must be employed at all times.
R09DS0006EJ0100
Rev.1.00
Sep 07, 2010


Similar Part No. - UPG2419T6R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2411T6R RENESAS-UPG2411T6R Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T6R-E2 RENESAS-UPG2411T6R-E2 Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T6R-E2-A RENESAS-UPG2411T6R-E2-A Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T7C RENESAS-UPG2411T7C Datasheet
220Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
UPG2411T7C-E3 RENESAS-UPG2411T7C-E3 Datasheet
220Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
More results

Similar Description - UPG2419T6R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2185T6R RENESAS-UPG2185T6R Datasheet
122Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK Datasheet
770Kb / 16P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
logo
Renesas Technology Corp
UPG2411T7C RENESAS-UPG2411T7C Datasheet
220Kb / 11P
   GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
UPG2411T6R RENESAS-UPG2411T6R Datasheet
232Kb / 14P
   GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2422TK RENESAS-UPG2422TK Datasheet
275Kb / 17P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
Jan 20, 2011
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G_15 Datasheet
488Kb / 5P
   GaAs SPDT Switch DC - 4.0 GHz
MASW4030G MA-COM-MASW4030G Datasheet
66Kb / 4P
   GaAs SPDT Switch DC - 4.0 GHz
logo
Hittite Microwave Corpo...
HMC240 HITTITE-HMC240 Datasheet
115Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4.0 GHz
logo
Analog Devices
HMC1055 AD-HMC1055 Datasheet
289Kb / 10P
   0.5 GHz to 4.0 GHz, GaAs, SPST Switch
logo
M/A-COM Technology Solu...
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
   GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com