Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPG2419T6R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part No. UPG2419T6R
Description  GaAs Integrated Circuit SPDT Switch for 4.0 GHz to 5.0 GHz
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

UPG2419T6R Datasheet(HTML) 9 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
μPG2419T6R
R09DS0006EJ0100 Rev.1.00
Page 9 of 15
Sep 07, 2010
TYPICAL CHARACTERISTICS
(TA =
−45°C to +105°C, Vcont (H) = 3.0 V, Vcont (L) = 0 V, ZO = 50 Ω, RX port DC blocking
capacitors = 8 pF, unless otherwise specified)
Operating Ambient Temparature TA (
°C)
–60 –40 –20
0
20
40
60
80
100
120
ANT RETURN LOSS vs.
OPERATING AMBIENT TEMPERATURE
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
Operating Ambient Temparature TA (
°C)
ANT-RX/TX INSERTION LOSS
vs. OPERATING AMBIENT TEMPERATURE
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
–60
f = 4.5 GHz
ANT-RX: ON
ANT-TX: ON
f = 4.5 GHz
ANT-RX/TX Pin (0.1 dB) vs.
OPERATING AMBIENT TEMPERATURE
30
28
26
24
22
20
18
16
f = 5.0 GHz
–40 –20
0
20
40
60
80
100
120
ANT-RX
ANT-TX
ANT-RX/TX ISOLATION
vs. OPERATING AMBIENT TEMPERATURE
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
f = 4.5 GHz
Operating Ambient Temparature TA (
°C)
–60 –40 –20
0
20
40
60
80
100
120
ANT-RX (ANT-TX: ON)
ANT-TX (ANT-RX: ON)
Operating Ambient Temparature TA (
°C)
–60 –40 –20
0
20
40
60
80
100
120
RX/TX RETURN LOSS vs.
OPERATING AMBIENT TEMPERATURE
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
RX
TX
f = 4.5 GHz
Operating Ambient Temparature TA (
°C)
–60 –40 –20
0
20
40
60
80
100
120
ANT-RX
ANT-TX
Remark The graphs indicate nominal characteristics.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn