Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPG2419T6R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. UPG2419T6R
Description  GaAs Integrated Circuit SPDT Switch for 4.0 GHz to 5.0 GHz
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

UPG2419T6R Datasheet(HTML) 7 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
μPG2419T6R
R09DS0006EJ0100 Rev.1.00
Page 7 of 15
Sep 07, 2010
Switch Control Voltage (H) Vcont (H) (V)
ANT-TX SWITCH CONTROL SPEED
vs. SWITCH CONTROL VOLTAGE
34
2.5
3.5
2
100
80
60
40
20
0
Ton (50% CTL to 90%)
Toff (50% CTL to 10%)
Switch Control Voltage (H) Vcont (H) (V)
ANT-RX SWITCH CONTROL SPEED
vs. SWITCH CONTROL VOLTAGE
34
2.5
3.5
2
100
80
60
40
20
0
Ton (50% CTL to 90%)
Toff (50% CTL to 10%)
Remark The graphs indicate nominal characteristics.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn