Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6186 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH6186
Description  Optocoupler, Phototransistor Output, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6186 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6186 Datasheet HTML 1Page - Vishay Siliconix SFH6186 Datasheet HTML 2Page - Vishay Siliconix SFH6186 Datasheet HTML 3Page - Vishay Siliconix SFH6186 Datasheet HTML 4Page - Vishay Siliconix SFH6186 Datasheet HTML 5Page - Vishay Siliconix SFH6186 Datasheet HTML 6Page - Vishay Siliconix SFH6186 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Alternative Device Available
SFH618A, SFH6186
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 23-May-13
3
Document Number: 83673
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 5 mA
VF
1.1
1.5
V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
25
pF
Thermal resistance
Rthja
1070
K/W
OUTPUT
Collector emitter leakage current
VCE = 10 V
ICEO
10
200
nA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
7pF
Thermal resistance
Rthja
500
K/W
COUPLER
Collector emitter saturation
voltage
IC = 0.32 mA, IF = 1 mA
SFH618A-2
VCEsat
0.25
0.4
V
SFH6186-2
VCEsat
0.25
0.4
V
IC = 0.5 mA, IF = 1 mA
SFH618A-3
VCEsat
0.25
0.4
V
SFH6186-3
VCEsat
0.25
0.4
V
IC = 0.8 mA, IF = 1 mA
SFH618A-4
VCEsat
0.25
0.4
V
SFH6186-4
VCEsat
0.25
0.4
V
IC = 1.25 mA, IF = 1 mA
SFH618A-5
VCEsat
0.25
0.4
V
SFH6186-5
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.25
pF
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 1 mA, VCE = 0.5 V
SFH618A-2
CTR
63
125
%
SFH6186-2
CTR
63
125
%
IF = 0.5 mA, VCE = 1.5 V
SFH618A-2
CTR
32
75
%
SFH6186-2
CTR
32
75
%
IF = 1 mA, VCE = 0.5 V
SFH618A-3
CTR
100
200
%
SFH6186-3
CTR
100
200
%
IF = 0.5 mA, VCE = 1.5 V
SFH618A-3
CTR
50
120
%
SFH6186-3
CTR
50
120
%
IF = 1 mA, VCE = 0.5 V
SFH618A-4
CTR
160
320
%
SFH6186-4
CTR
160
320
%
IF = 0.5 mA, VCE = 1.5 V
SFH618A-4
CTR
80
200
%
SFH6186-4
CTR
80
200
%
IF = 1 mA, VCE = 0.5 V
SFH618A-5
CTR
250
500
%
SFH6186-5
CTR
250
500
%
IF = 0.5 mA, VCE = 1.5 V
SFH618A-5
CTR
125
300
%
SFH6186-5
CTR
125
300
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn on time
VCC = 5 V, IC = 2 mA, RL = 100 
ton
6μs
Rise time
VCC = 5 V, IC = 2 mA, RL = 100 
tr
3.5
μs
Turn off time
VCC = 5 V, IC = 2 mA, RL = 100 
toff
5.5
μs
Fall time
VCC = 5 V, IC = 2 mA, RL = 100 
tf
5μs


Similar Part No. - SFH6186

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6186 INFINEON-SFH6186 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
146Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.8, 25-Jan-08
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186 VISHAY-SFH6186 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186 VISHAY-SFH6186 Datasheet
241Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2022
More results

Similar Description - SFH6186

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A_V01 Datasheet
176Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com