Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4J21220B Datasheet(PDF) 1 Page - Epson Company

Part # S4J21220B
Description  High Resolution EPD Evaluation Platform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S4J21220B Datasheet(HTML) 1 Page - Epson Company

  S4J21220B Datasheet HTML 1Page - Epson Company S4J21220B Datasheet HTML 2Page - Epson Company S4J21220B Datasheet HTML 3Page - Epson Company S4J21220B Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S4J21010
High Resolution EPD Evaluation Platform
■ Overview
The S4J21010 Evaluation Platform is used for the development of high resolution EPD solutions. It provides
advanced display functions such as high speed page turning and smooth handwriting. This design package
consists of both hardware and software components.
The S4J21010 is an excellent solution for the development of EPD applications using high resolution EPD
panels (e-manuals, etc.).
Features
Evaluation Platform for EPD devices targeting business professionals and high performance e-books.
High quality images with quick response on the larger size, high resolution EPD (> 300dpi).
Smooth handwriting capability suitable for business and education applications.
Shorter development time for hardware and service providers who have little or no experience with EPD
devices and technologies.
High performance application CPU, low power system PMIC and advanced EPD controller.
Description
Display module
High resolution 300dpi EPD panel
9.7 inch 2400 x 1650 support
EPSON high speed waveform
Chipset
High performance dual core CortexA9 CPU
New architecture EPD controller
Highly integrated PMIC power source
Memory
RAM: LP-DDR
ROM: eMMC (Boot memory)
Interface
USB device port: USB2.0 high speed
USB host port: USB2.0 high speed
SD card and SDIO
Stereo headphone jack or stereo audio out
port
User interface
Handwriting: UART tablet interface
Key input: 8 switch and a power-on switch
LED: 4 (power indicator and status indicator)
Software
OS: Linux
Boot loader: u-boot
Userland : Debian
Framework: Qt
Kernel drivers
Sample applications
High speed data format library
Operation temperature
Operating: 0 to 40 degrees
Storage: -20 to 60 degrees
EPD Platform System Block Diagram
S4J21210B
EPD Power IC
LP-DDR
S4J21220B
Application CPU
EPD Controller
16-bit
I2C
16-bit
EPD Panel Module
16-bit
LP-DDR
32-bit
8-bit
Flash
S4J21230B
PMIC
SPI
USB2.0 Device / Host
SD Card / SDIO
UART (Tablet)
Key Input
LED Output
Sound Output
Battery / DCIN
: Provided by Epson (Hardware)
2400 x 1650
(300dpi)
Epson Waveform
Linux Driver
(Frame Buffer)
High Speed Format
(SDK)
Power Management
Daemon
: Provided by Epson (Software)


Similar Part No. - S4J21220B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4J TSC-S4J Datasheet
49Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4J TSC-S4J Datasheet
279Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4J TSC-S4J Datasheet
457Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4J TSC-S4J Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S4J LUGUANG-S4J Datasheet
237Kb / 2P
   4.0AMPS. Surface Mount Rectifiers
More results

Similar Description - S4J21220B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HSC-ADC-EVALCZ AD-HSC-ADC-EVALCZ Datasheet
2Mb / 32P
   High Speed Converter Evaluation Platform
REV. 0
logo
Intersil Corporation
HSP-EVAL INTERSIL-HSP-EVAL Datasheet
260Kb / 12P
   DSP Evaluation Platform
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
   DDC Evaluation Platform
logo
TRINAMIC Motion Control...
TMC249-HVHR TRINAMIC-TMC249-HVHR Datasheet
380Kb / 1P
   Evaluation Board for TMC249 with High Voltage and High Resolution
logo
STMicroelectronics
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
   Evaluation platform based on the BlueNRG-2
Rev 3 - February 2018
logo
Microchip Technology
DS41401A MICROCHIP-DS41401A Datasheet
687Kb / 42P
   F1 Evaluation Platform for Enhanced PIC짰 Microcontrollers
2009
logo
Epson Company
S1D13524 EPSON-S1D13524 Datasheet
158Kb / 2P
   Color EPD Controller
April 9 2010
logo
Recom International Pow...
RPL-3.0-EVM-1 RECOM-RPL-3.0-EVM-1 Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
logo
TEXAS ADVANCED OPTOELEC...
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
   evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Microchip Technology
DS41614A MICROCHIP-DS41614A Datasheet
4Mb / 44P
   F1 LV Evaluation Platform for Enhanced PIC짰 Microcontrollers
2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com