Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2R72A44F07E2 Datasheet(PDF) 9 Page - Epson Company

Part # S2R72A44F07E2
Description  Wide temperature range Low power consumption
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S2R72A44F07E2 Datasheet(HTML) 9 Page - Epson Company

Back Button S2R72A44F07E2 Datasheet HTML 5Page - Epson Company S2R72A44F07E2 Datasheet HTML 6Page - Epson Company S2R72A44F07E2 Datasheet HTML 7Page - Epson Company S2R72A44F07E2 Datasheet HTML 8Page - Epson Company S2R72A44F07E2 Datasheet HTML 9Page - Epson Company S2R72A44F07E2 Datasheet HTML 10Page - Epson Company S2R72A44F07E2 Datasheet HTML 11Page - Epson Company S2R72A44F07E2 Datasheet HTML 12Page - Epson Company S2R72A44F07E2 Datasheet HTML 13Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
5.
Pin Function and Description
6
Seiko Epson Corporation
S2R72A4x Series Data Sheet
(Rev.1.20)
5.
Pin Function and Description
GENERAL (applies to S2R72A44/A43/A42)
Pin No.
Name
I/O
RESET
Description
24
XRESET
IN
Reset signal
REFERENCE (applies to S2R72A44/A43/A42)
Pin No.
Name
I/O
RESET
Description
44
XI
IN
Internal oscillator circuit input (12 MHz)
45
XO
OUT
Internal oscillator circuit output (12 MHz)
47
R1
IN
Reference voltage setting pin (connect 12 k
Ω±1% between VSS pins)
TEST (applies to S2R72A44/A43/A42)
Pin No.
Name
I/O
RESET
Description
1
TSTEN
IN (PD)
Test pin (*): Not used by user
2
ATPGEN
IN (PD)
Test pin (*): Not used by user
13
TST0
IN
Test pin (*): Not used by user
PD: Using pull-down I/O
*:
Fix as Low or pull down on board.
MODE (applies to S2R72A44/A43/A42)
Pin No.
Name
I/O
RESET
Description
14
MODE0
IN
USB Revision setting (*3)
0: USB 2.0 (High-speed compatible hub) 1: USB 1.1 (Full-speed hub)
22
MODE1
IN
23
MODE2
IN
Down ports’ VBUS setting pin
MODE1: bPwrOn2PwrGood selector setting pin
0: 0 ms, 1: 100 ms
MODE2: Gang/Individual selector pin
0: Gang, 1: Individual
MODE2 MODE1 VBUS Mode
H
H
Individual Mode
LH
Gang Mode
H/L
L
Non-operation mode
36
MODE3
IN
37
MODE4
IN
Port setting pin
Setting availability
MODE4
MODE3
Ports
A44
A43
A42
0
0
2 ports
0
1
3 ports
-
1
1
4 ports
-
-
1
0
n/a
-
-
-
*3:
Operates at full-speed in USB 1.1 mode, even when connected to a USB 2.0 (high-speed) compatible USB
host.


Similar Part No. - S2R72A44F07E2

ManufacturerPart #DatasheetDescription
logo
Epson Company
S2R72V18 EPSON-S2R72V18 Datasheet
389Kb / 37P
   Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
   Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
More results

Similar Description - S2R72A44F07E2

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DAC347 APITECH-DAC347 Datasheet
1Mb / 2P
   Low Power, Wide Temperature Range DACs
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
   Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com