Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDP4060L Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NDP4060L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NDP4060L Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NDP4060L Rev. B / NDB4060L Rev. C
0
4
8
12
16
20
0
2
4
6
8
10
12
I
, DRAIN CURRENT (A)
T = -55°C
J
25°C
D
V
= 10V
DS
125°C
1
2
5
10
30
50
70
0.5
1
5
10
20
50
70
V
, DRAIN-SOURCE VOLTAGE (V)
DC
RDS(ON)
LIMIT
DS
100us
1ms
10ms
50ms
V
= 10V
SINGLE PULSE
R
= 3 C/W
T
= 25°C
GS
C
θJC
o
Figure 13. Transconductance Variation with
Drain Current and Temperature
Figure 14. Maximum Safe Operating Area
Figure 15. Transient Thermal Response Curve
Typical Electrical Characteristics (continued)
0.00001
0.00005 0.0001
0.0005
0.001
0.005
0.01
0.05
0.1
0.5
1
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
t
,TIME
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t
/t
1
2
R
(t) = r(t) * R
R
= 3.0 °C/W
θJC
θJC
θJC
T - T
= P * R
(t)
θJC
C
J
P(pk)
t1
t 2
1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn